Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21025M401R00JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 21025M401R00JE
Description  Dividohm짰 Vitreous Enamel Adjustable Power
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

21025M401R00JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  21025M401R00JE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
32
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
L
D
C
Fea tures
• Terminals suitable for soldering
or bolt connection.
• Adjustable lug supplied.
• High wattage applications.
• All-welded construction.
• Rugged lead free vitreous enam-
el coating.
• Flame resistant coating.
• Thumb-screw-adjustable lug
available (Part No. 2160) for
1.125” core resistors.
• RoHS compliant product avail-
able. Add “E” suffix to part num-
ber to specify.
Dimensions (in. / mm)
Core
standard
series
Wattage
Ohms
L
D
C
Code
Voltage
terminal
D12
12
1.0-10K
1.75 / 44.4
0.313 / 7.94
0.188 / 4.76
D
565
57
D25
25
1.0-25K
2.0 / 50.8
0.562 / 14.3
0.313 / 7.94
K
625
40
D50
50
1.0-100K
4.0 / 101.6
0.562 / 14.3
0.313 / 7.94
K
1625
40
D75
75
1.0-100K
6.0 / 152.4
0.562 / 14.3
0.313 / 7.94
K
2625
40
D100
100
1.0-100K
6.5 / 165.1
0.750 / 19.1
0.50 / 12.7
M
2845
40
D175
175
1.0-100K
8.5 / 215.9
1.125 / 28.6
0.75 / 19.1
P
3595
46
D225
225
1.0-100K
10.5 / 266.7
1.125 / 28.6
0.75 / 19.1
P
4595
46
D500
500
1.5-15K
12.0 / 304.8
2.50 / 63.5
1.75 / 44.5
S
4970
45
D1000
1000
3.0-27.7K
20.0 / 508.0
2.50 / 63.5
1.75 / 44.5
S
8900
45
Other sizes available; contact Ohmite. Also available in low cost Centohm or Silicone coating; contact Ohmite.
Terminals: Solder coated radial
lug. RoHS solder composition is
96% Sn, 3.5% Ag, 0.5% Cu
Adjustable terminal: Nickel
plated steel. (Screwdriver type
adjustable lug supplied standard.
Other types, including silver con-
tact units, available.)
Derating: Linearly from 100% @
+25°C to 0% @ +350°C.
Electrical
Tolerance: ±10% (K)
Power rating: Based on 25°C
free air rating. The stated watt-
age rating applies only when the
entire resistance is in the circuit.
Setting the lug at an intermediate
point reduces the wattage rat-
ing by approximately the same
proportion. Example: If the lug is
set at half resistance, the watt-
age is reduced by approximately
one-half.
Overload: 10 times rated wattage
for 5 seconds.
Temperature coefficient:
±260 ppm/°C
Dielectric withstanding voltage:
1000 VAC: 12 to 100 watt rating.
3000 VAC: 175 and 225 watt rat-
ing (measured from terminal to
mounting bracket)
To calculate max. amps: use the
formula
√P/R.
Power limitations for high resis-
tance values: When resistance
exceeds the resistance values listed
below, derate the Power Rating by
25% to improve reliability:
Power
Resistance
rating
value
12W
4,500
Ω
25W
9,000
Ω
50W
20,000
Ω
75W
35,000
Ω
100W
50,000
Ω
No power
derating
necessary for
ratings higher
than 100W.
See page 36
for mounting hardware
Choose Ohmite’s 210 Type adjustable resistors for applications
requiring settings at different resistance values. These wire-
wound resistors are equipped with an adjustable lug, making
them ideal for adjusting circuits, obtaining odd resistance values
and setting equipment to meet various line voltages. 210 Type
resistors feature a hollow core to permit secure fastening with
spring-type clips or thru bolts with washers. They also offer the
durability of lead free vitreous enamel coating and all-welded
construction. Mounting brackets not included with resistors.
210 Series
Dividohm® Vitreous enamel
adjustable Power
St andard p ar t number S for 210 Serie S
= Standard values; check availability using the worldwide inventory
search at www.ohmite.com
1.0 –––1R0E
2 –––2R0E
3 –––3R0E
4 –––4R0E
5 –––5R0E
7.5 –––7R5E
10 –––10RE
15 –––15RE
20 –––20RE
25 –––25RE
50 –––50RE
75 –––75RE
100 –––100E
150 –––150E
200 –––200E
250 –––250E
300 –––300E
400 –––400E
500 –––500E
750 –––750E
800 –––800E
1,000 –––1K0E
1,250 –––1K25E  
1,500 –––1K5E
2,000 –––2K0E
2,500 –––2K5E
3,000 –––3K0E
4,000 –––4K0E
5,000 –––5K0E
6,000 –––6K0E
7,000 –––7K0E
7,500 –––7K5E
10,000 –––10KE
12,000 –––12KE
15,000 –––15KE
20,000 –––20KE
25,000 –––25KE
50,000 –––50KE
100,000 –––100KE
Wattage
Wattage
Wattage
Part No.
Prefix 
Suffix
Part No.
Prefix 
Suffix
Part No.
Prefix 
Suffix
m ade-to-order
See website for custom
core and terminal info
ordering inf o
��������
Tolerance
J= 5%
K= 10%
Ohms
1R0 = 1
250 = 250
1K0 = 1,000
25K = 25,000
25K5 = 25,500
RoHS Compliant
Series Wattage
Coating
Blank =Vitreous
C= Centohm
S= Silicone
50K
Ω and 100KΩ resistance values involve very fine resistance wire and should not be
used in critical applications without burn-in and/or thermal cycling.
� � � � � � � � � � � � � �
Tolerance
J = 5%
K = 10%
Core Diameter
See “Core and
Terminal Selection”
Ohms
R500 = 0.500
1R00 = 1
250R = 250
1K00 = 1,000
25K0 = 25,000
25K5 = 25,500
RoHS Compliant
Coating
210 = Vitreous
410 = Silicone Ceramic
610 = Centohm
Wattage
Terminal Type
See “Resistor Terminals
for Tubular Cores”
sP e C i F i C a ti ON s
Adjustability is 10% to 90% of full
value. Wattage is proportional to
this adjusted resistance value.
Material
Coating: Lead free vitreous
enamel.
Core: Tubular ceramic.


Similar Part No. - 21025M401R00JE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
21025-4 MACOM-21025-4 Datasheet
209Kb / 6P
   Hydraulic Crimping
logo
TE Connectivity Ltd
21025-4 TEC-21025-4 Datasheet
649Kb / 8P
   Hydraulic Crimping Head
logo
LEMO Connectors
210250 LEMO-210250 Datasheet
96Kb / 4P
   B - Indoor keyed
logo
TE Connectivity Ltd
2102568-1 TEC-2102568-1 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
2102569-1 TEC-2102569-1 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
More results

Similar Description - 21025M401R00JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
D25K100E OHMITE-D25K100E Datasheet
130Kb / 1P
   Dividohm짰 Vitreous Enamel Adjustable Power
L100J25RE OHMITE-L100J25RE Datasheet
180Kb / 1P
   Vitreous Enamel Power
C300KR10E OHMITE-C300KR10E Datasheet
134Kb / 1P
   Corrib Fixed and Adjustable Vitreous Enamel Power
EVF OHMITE-EVF Datasheet
475Kb / 2P
   Vitreous Enamel Power
L12J100E OHMITE-L12J100E Datasheet
122Kb / 1P
   Vitreous Enamel Power
B20J50R OHMITE-B20J50R Datasheet
181Kb / 1P
   Brown Devil Vitreous Enamel Power
B20J2R0 OHMITE-B20J2R0 Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J25R OHMITE-B20J25R Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J2K5 OHMITE-B20J2K5 Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J50K OHMITE-B20J50K Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com