Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P23S08AF-2-16-ST Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM5P23S08AF-2-16-ST
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P23S08AF-2-16-ST Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM5P23S08AF-2-16-ST Datasheet HTML 1Page - PulseCore Semiconductor ASM5P23S08AF-2-16-ST Datasheet HTML 2Page - PulseCore Semiconductor ASM5P23S08AF-2-16-ST Datasheet HTML 3Page - PulseCore Semiconductor ASM5P23S08AF-2-16-ST Datasheet HTML 4Page - PulseCore Semiconductor ASM5P23S08AF-2-16-ST Datasheet HTML 5Page - PulseCore Semiconductor ASM5P23S08AF-2-16-ST Datasheet HTML 6Page - PulseCore Semiconductor ASM5P23S08AF-2-16-ST Datasheet HTML 7Page - PulseCore Semiconductor ASM5P23S08AF-2-16-ST Datasheet HTML 8Page - PulseCore Semiconductor ASM5P23S08AF-2-16-ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
November 2006
ASM5P23S08A
rev 1.5
3.3V ‘SpreadTrak’ Zero Delay Buffer
4 of 17
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description for ASM5P23S08A
Pin #
Pin Name
Description
1
REF
3
Input reference frequency, 5V tolerant input
2
CLKA1
4
Buffered clock output, bank A
3
CLKA2
4
Buffered clock output, bank A
4
VDD
3.3V supply
5
GND
Ground
6
CLKB1
4
Buffered clock output, bank B
7
CLKB2
4
Buffered clock output, bank B
8
S2
5
Select input, bit 2
9
S1
5
Select input, bit 1
10
CLKB3
4
Buffered clock output, bank B
11
CLKB4
4
Buffered clock output, bank B
12
GND
Ground
13
VDD
3.3V supply
14
CLKA3
4
Buffered clock output, bank A
15
CLKA4
4
Buffered clock output, bank A
16
FBK
PLL feedback input
Notes:
3. Weak pull-down.
4. Weak pull-down on all outputs.
5. Weak pull-up on these inputs.
FBK
CLKA4
VDD
GND
CLKB4
CLKB3
S1
S2
CLKB2
CLKB1
GND
VDD
REF
ASM5P2308A
CLKA3
CLKA1
CLKA2
9
10
12
13
14
15
16
11
8
7
5
4
3
2
1
6


Similar Part No. - ASM5P23S08AF-2-16-ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P23S08AF-2-16-ST ALSC-ASM5P23S08AF-2-16-ST Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5P23S08AF-2-16-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASMP5P23S04A PULSECORE-ASMP5P23S04A Datasheet
435Kb / 15P
   3.3V ?쁓preadTrak??Zero Delay Buffer
ASM5P23S05A PULSECORE-ASM5P23S05A Datasheet
368Kb / 18P
   3.3V ?쁓preadTrak??Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com