Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2040A Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # P2040A
Description  LCD Panel EMI Reduction IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2040A Datasheet(HTML) 4 Page - PulseCore Semiconductor

  P2040A Datasheet HTML 1Page - PulseCore Semiconductor P2040A Datasheet HTML 2Page - PulseCore Semiconductor P2040A Datasheet HTML 3Page - PulseCore Semiconductor P2040A Datasheet HTML 4Page - PulseCore Semiconductor P2040A Datasheet HTML 5Page - PulseCore Semiconductor P2040A Datasheet HTML 6Page - PulseCore Semiconductor P2040A Datasheet HTML 7Page - PulseCore Semiconductor P2040A Datasheet HTML 8Page - PulseCore Semiconductor P2040A Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
November 2006
P2040A
rev 1.3
LCD Panel EMI Reduction IC
4 of 9
Notice: The information in this document is subject to change without notice.
Spread Spectrum Selection
The Modulation Selection Table defines the possible spread spectrum options. The optimal setting should minimize system
EMI to the fullest without affecting system performance. The spreading is described as a percentage deviation of the center
frequency. (Note: The center frequency is the frequency of the external reference input on CLKIN, pin1).
For example, P2040A is designed for high-resolution, flat panel applications and is able to support an XGA (1024 x 768)
flat panel operating at 65MHz (FIN) clock speed. A spreading selection of MRA=0, SR1=1 and SR0=0 provides a percentage
deviation of ±0.75% from FIN. This results in the frequency on ModOUT being swept from 64.51MHz to 65.49MHz at a
modulation rate of 56.24KHz. Refer Modulation Selection Table. The example in the following illustration is a common EMI
reduction method for a notebook LCD panel and has already been implemented by most of the leading OEM and mobile
graphic accelerator manufacturers.
Application Schematic for Mobile LCD Graphics Controllers
Modulated 65MHz signal with
±0.75 deviation and modulation
rate of 56.24KHz. This signal is
connected back to the spread
spectrum input pin (SSIN) of the
graphics accelerator.
1
2
3
4
CLKIN
MRA
SR1
VSS
SR0
5
6
7
8
SSON#
ModOUT
VDD
65MHz from graphics accelerator
+3.3V
0.1µF
P2040A
Digital control for the SS enable
or disable


Similar Part No. - P2040A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2040A ALSC-P2040A Datasheet
354Kb / 9P
   LCD Panel EMI Reduction IC
P2040A-08-SR ALSC-P2040A-08-SR Datasheet
354Kb / 9P
   LCD Panel EMI Reduction IC
P2040A-08-ST ALSC-P2040A-08-ST Datasheet
354Kb / 9P
   LCD Panel EMI Reduction IC
P2040A-08-TR ALSC-P2040A-08-TR Datasheet
354Kb / 9P
   LCD Panel EMI Reduction IC
P2040A-08-TT ALSC-P2040A-08-TT Datasheet
354Kb / 9P
   LCD Panel EMI Reduction IC
More results

Similar Description - P2040A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
   LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
   LCD Panel EMI Reduction IC
P2042A ALSC-P2042A Datasheet
353Kb / 8P
   LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
   LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
   LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
logo
Alliance Semiconductor ...
ASM3P2184A ALSC-ASM3P2184A Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P3P2043B ONSEMI-P3P2043B_12 Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
ASM3P2182A ONSEMI-ASM3P2182A_11 Datasheet
124Kb / 6P
   LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P2040C ALSC-P2040C Datasheet
159Kb / 9P
   LCD Panel EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com