Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I2384A-08SR Datasheet(PDF) 8 Page - PulseCore Semiconductor

Part # I2384A-08SR
Description  Low Cost Frequency Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

I2384A-08SR Datasheet(HTML) 8 Page - PulseCore Semiconductor

Back Button I2384A-08SR Datasheet HTML 2Page - PulseCore Semiconductor I2384A-08SR Datasheet HTML 3Page - PulseCore Semiconductor I2384A-08SR Datasheet HTML 4Page - PulseCore Semiconductor I2384A-08SR Datasheet HTML 5Page - PulseCore Semiconductor I2384A-08SR Datasheet HTML 6Page - PulseCore Semiconductor I2384A-08SR Datasheet HTML 7Page - PulseCore Semiconductor I2384A-08SR Datasheet HTML 8Page - PulseCore Semiconductor I2384A-08SR Datasheet HTML 9Page - PulseCore Semiconductor I2384A-08SR Datasheet HTML 10Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
February 2007
P2384A
rev 0.2
Low Cost Frequency Multiplier
8 of 10
Notice: The information in this document is subject to change without notice.
E
H
A
A1
A2
D
B
C
L
θ
e
8-lead Thin Shrunk Small Outline Package (4.40-MM Body)
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.043
1.10
A1
0.002
0.006
0.05
0.15
A2
0.033
0.037
0.85
0.95
B
0.008
0.012
0.19
0.30
c
0.004
0.008
0.09
0.20
D
0.114
0.122
2.90
3.10
E
0.169
0.177
4.30
4.50
e
0.026 BSC
0.65 BSC
H
0.252 BSC
6.40 BSC
L
0.020
0.028
0.50
0.70
θ


Similar Part No. - I2384A-08SR

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
I2360SYI NUVOTON-I2360SYI Datasheet
1Mb / 33P
   Digital ChipCorder with Embedded Flash 3-Channel Audio Playback
I2360SYI NUVOTON-I2360SYI Datasheet
1Mb / 34P
   ISD ChipCorder짰
I2360SYI NUVOTON-I2360SYI Datasheet
1Mb / 35P
   ISD ChipCorder짰 ISD2360 Series
I2360YYI NUVOTON-I2360YYI Datasheet
1Mb / 33P
   Digital ChipCorder with Embedded Flash 3-Channel Audio Playback
I2360YYI NUVOTON-I2360YYI Datasheet
1Mb / 34P
   ISD ChipCorder짰
More results

Similar Description - I2384A-08SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P2084A ONSEMI-P2084A Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
P2084 ONSEMI-P2084_11 Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2082A ALSC-P2082A Datasheet
395Kb / 9P
   Low Cost Frequency Multiplier
logo
Analog Devices
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633 AD-AD633 Datasheet
144Kb / 8P
   Low Cost Analog Multiplier
REV. B
AD633ARZ-REEL7 AD-AD633ARZ-REEL7 Datasheet
903Kb / 21P
   Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633_15 Datasheet
959Kb / 21P
   Low Cost Analog Multiplier
Rev. J
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com