Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS1P2858A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS1P2858A
Description  Multi-Output Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS1P2858A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS1P2858A_1 Datasheet HTML 1Page - PulseCore Semiconductor PCS1P2858A_1 Datasheet HTML 2Page - PulseCore Semiconductor PCS1P2858A_1 Datasheet HTML 3Page - PulseCore Semiconductor PCS1P2858A_1 Datasheet HTML 4Page - PulseCore Semiconductor PCS1P2858A_1 Datasheet HTML 5Page - PulseCore Semiconductor PCS1P2858A_1 Datasheet HTML 6Page - PulseCore Semiconductor PCS1P2858A_1 Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
May 2008
PCS1P2858A
rev 0.2
Multi-Output Clock Generator
2 of 7
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin #
Pin Name
Pin Type
Pin Description
1
XIN/CLKIN
Input
Crystal connection or External reference Clock input.
2
XOUT
Output
Connection to crystal. If using an external reference clock, this pin must be left
unconnected.
3
VDD
Power
Connect to +3.3V.
4
VDDFOUT
Power
Connect to +3.3V.
5
GNDFOUT
Power
Connect to ground.
6
GND
Power
Connect to ground.
7
27MHz
Output
27MHz Reference Clock output
8
27MHz
Output
27MHz Reference Clock output
9
NC
-
No connection
10
24.576MHz
Output
24.576MHz Output Clock
11
28.322MHz
Output
28.322MHz Output Clock
12
24MHz
Output
24MHz Output Clock
13
10MHz
Output
10MHz Output Clock
14
NC
-
No connection
15
OE
Input
Output Enable bit. When this pin is made HIGH, the output clocks are enabled.
Tri-states all the clocks when disabled
. Has an Internal pull-up resistor
16
NC
-
No connection
NC
OE
10MHz
24MHz
28.322MHz
24.576MHz
NC
27MHz
27MHz
GND
GNDFOUT
VDDFOUT
XIN/CLKIN
NC
XOUT
VDD
PCS1P2858A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16


Similar Part No. - PCS1P2858A_1

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS1P2858AG-16TR PULSECORE-PCS1P2858AG-16TR Datasheet
367Kb / 7P
   PCS1P2858A
logo
ON Semiconductor
PCS1P2858AG-16TR ONSEMI-PCS1P2858AG-16TR Datasheet
102Kb / 6P
   Multi-Output Clock Generator
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
PCS1P2858AG-16TT PULSECORE-PCS1P2858AG-16TT Datasheet
367Kb / 7P
   PCS1P2858A
logo
ON Semiconductor
PCS1P2858AG-16TT ONSEMI-PCS1P2858AG-16TT Datasheet
102Kb / 6P
   Multi-Output Clock Generator
August, 2011 ??Rev. P2
More results

Similar Description - PCS1P2858A_1

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS1P2857A PULSECORE-PCS1P2857A Datasheet
374Kb / 8P
   Multi-Output Clock Generator
logo
ON Semiconductor
PCS1P2858A ONSEMI-PCS1P2858A Datasheet
102Kb / 6P
   Multi-Output Clock Generator
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
ASM3P4200A PULSECORE-ASM3P4200A Datasheet
368Kb / 7P
   Multi-Output Custom Clock Generator
ASM3P4201A PULSECORE-ASM3P4201A Datasheet
327Kb / 7P
   Multi-Output Custom Clock Generator
logo
Nippon Precision Circui...
SM8720AV NPC-SM8720AV Datasheet
117Kb / 6P
   3-PLL Multi-Output Clock Generator
SM8721AB NPC-SM8721AB Datasheet
83Kb / 8P
   3-PLL Multi-Output Clock Generator
logo
Asahi Kasei Microsystem...
AK8132A AKM-AK8132A Datasheet
357Kb / 11P
   Multi Clock Generator
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
   Multi Clock Generator
AK8128S AKM-AK8128S Datasheet
395Kb / 10P
   Multi Clock Generator
logo
Burr-Brown (TI)
PLL1700 BURR-BROWN-PLL1700 Datasheet
137Kb / 9P
   MULTI-CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com