Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I2779AF-08-SR Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # I2779AF-08-SR
Description  Low-Cost Notebook EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

I2779AF-08-SR Datasheet(HTML) 4 Page - PulseCore Semiconductor

  I2779AF-08-SR Datasheet HTML 1Page - PulseCore Semiconductor I2779AF-08-SR Datasheet HTML 2Page - PulseCore Semiconductor I2779AF-08-SR Datasheet HTML 3Page - PulseCore Semiconductor I2779AF-08-SR Datasheet HTML 4Page - PulseCore Semiconductor I2779AF-08-SR Datasheet HTML 5Page - PulseCore Semiconductor I2779AF-08-SR Datasheet HTML 6Page - PulseCore Semiconductor I2779AF-08-SR Datasheet HTML 7Page - PulseCore Semiconductor I2779AF-08-SR Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
February 2007
P2779A
rev 0.2
Low-Cost Notebook EMI Reduction IC
4 of 8
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
-40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
-
60
-
µA
IIH
Input high current
-
0
-
µA
IXOL
XOUT output low current (at 0.4 V, VDD = 3.3V)
-
10
-
mA
IXOH
XOUT output high current (at 2.5 V, VDD = 3.3V)
-
10
-
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 20 mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20 mA)
2.5
-
-
V
IDD
Static supply current
-
3
-
mA
ICC
Dynamic supply current
(3.3 V, 25 pF loading, 32 MHz)
-
12
-
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power-up time (first locked cycle after power up)
-
7
-
mS
ZOUT
Clock output impedance
-
28
-
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
20
-
38
MHz
fOUT
Output frequency
20
-
38
MHz
tLH
1
Output rise time (measured at 0.8 V to 2.0 V)
-
1
-
nS
tHL
1
Output fall time (measured at 2.0 V to 0.8 V)
-
1
-
nS
tJC
Jitter (Cycle to cycle)
-
±175
-
pS
tD
Output duty cycle
45
50
55
%
Note: 1. tLH and tHL are measured into a capacitive load of 15 pF


Similar Part No. - I2779AF-08-SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
I2779AF-08-SR ONSEMI-I2779AF-08-SR Datasheet
127Kb / 7P
   Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
More results

Similar Description - I2779AF-08-SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2779A ALSC-P2779A Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P2779A ONSEMI-P2779A Datasheet
127Kb / 7P
   Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
   Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P18S19B PULSECORE-ASM3P18S19B Datasheet
185Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
P1708C ALSC-P1708C Datasheet
482Kb / 10P
   Low Power Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
   Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
   Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
P1707A ALSC-P1707A Datasheet
209Kb / 10P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
168Kb / 6P
   Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com