Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM805LEPAF Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM805LEPAF
Description  關P Power Supply Supervisor With Battery Backup Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM805LEPAF Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM805LEPAF Datasheet HTML 1Page - PulseCore Semiconductor ASM805LEPAF Datasheet HTML 2Page - PulseCore Semiconductor ASM805LEPAF Datasheet HTML 3Page - PulseCore Semiconductor ASM805LEPAF Datasheet HTML 4Page - PulseCore Semiconductor ASM805LEPAF Datasheet HTML 5Page - PulseCore Semiconductor ASM805LEPAF Datasheet HTML 6Page - PulseCore Semiconductor ASM805LEPAF Datasheet HTML 7Page - PulseCore Semiconductor ASM805LEPAF Datasheet HTML 8Page - PulseCore Semiconductor ASM805LEPAF Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ASM690A/692A
ASM802L/802M
April 2008
ASM805L
rev 1.7
µP Power Supply Supervisor With Battery Backup Switch
4 of 15
Notice: The information in this document is subject to change without notice.
Watchdog Input
As discussed in the Reset section, the Watchdog input is
used to monitor microprocessor activity. It can be used to
insure that the microprocessor is in a continually
responsive state by requiring that the WDI pin be toggled
every second. If the WDI pin is not toggled within the 1.6
second window (minimum tWD + tRS), a reset pulse will be
asserted to return the microprocessor to the initial
start-up state. Pulses as short as 50ns can be applied to
the WDI pin. If this feature is not used, the WDI pin
should be open circuited or the logic placed into a high-
impedance state to allow the pin to float.
Backup-Battery Switchover
A power loss can be made less severe if the system RAM
contents are preserved. This is achieved in the
ASM690/692/ 802/805 by switching from the failed VCC to
an alternate power source connected at VBATT when VCC
is less than the reset threshold voltage (VCC < VRT), and
VCC is less than VBATT. The VOUT pin is normally
connected to VCC through a 2
Ω PMOS switch but a
brown-out or loss of VCC will cause a switchover to VBATT
by means of a 20
Ω PMOS switch. Although both
conditions (VCC < VRT and VCC <VBATT) must occur for
the switchover to VBATT to occur, VOUT will be switched
back to VCC when VCC exceeds VRT irrespective of the
voltage at VBATT. It should be noted that an internal
device diode (D1 in Figure 3) will be forward biased if
VBATT exceeds VCC by more than a diode drop when VCC
is switched to VOUT. Because of this it is recommended
that VBATT be no greater than VRT +0.6V.
Condition
SW1/SW2
SW3/SW4
VCC > Reset Threshold
Open
Closed
VCC < Reset Threshold
VCC > VBATT
Open
Closed
VCC < Reset Threshold
VCC < VBATT
Closed
Open
ASM690A/802A/805L Reset Threshold = 4.65V
ASM692A /ASM802M Reset Threshold = 4.4V
Table 1. Pin Connections in Battery Backup Mode
Pin
Connection
VOUT
Connected to VBATT through internal
PMOS switch
VBATT
Connected to VOUT
PFI
Disabled
PFO
Logic-LOW
RESET
Logic-LOW (except on ASM805 where
it is HIGH)
WDI
Watchdog timer disabled
During the backup power mode, the internal circuitry of
the supervisory circuit draws power from the battery
supply. While VCC is still alive, the comparator circuits
remain alive and the current drawn by the device is
typically 35µA. When VCC drops more than 1.1V below
VBATT, the internal switchover comparator, the PFI
comparator and WDI comparator will shut off, reducing
the quiescent current drawn by the IC to less than 1µA.
Backup Power Sources - Batteries
Battery voltage selection is important to insure that the
battery does not discharge through the parasitic device
diode D1 (see Figure 3) when VCC is less than VBATT and
VCC >VRT.


Similar Part No. - ASM805LEPAF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM805LEPAF ONSEMI-ASM805LEPAF Datasheet
202Kb / 12P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results

Similar Description - ASM805LEPAF

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
   UP Power Supply Supervisor With Battery Backup Switch
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
   MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
logo
Texas Instruments
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
logo
Maxim Integrated Produc...
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
logo
Texas Instruments
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com