Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P99447G-32-LR Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS2P99447G-32-LR
Description  3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P99447G-32-LR Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS2P99447G-32-LR Datasheet HTML 1Page - PulseCore Semiconductor PCS2P99447G-32-LR Datasheet HTML 2Page - PulseCore Semiconductor PCS2P99447G-32-LR Datasheet HTML 3Page - PulseCore Semiconductor PCS2P99447G-32-LR Datasheet HTML 4Page - PulseCore Semiconductor PCS2P99447G-32-LR Datasheet HTML 5Page - PulseCore Semiconductor PCS2P99447G-32-LR Datasheet HTML 6Page - PulseCore Semiconductor PCS2P99447G-32-LR Datasheet HTML 7Page - PulseCore Semiconductor PCS2P99447G-32-LR Datasheet HTML 8Page - PulseCore Semiconductor PCS2P99447G-32-LR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
September 2006
PCS2I99447
rev 0.4
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
2 of 14
Notice: The information in this document is subject to change without notice.
Block Diagram
Pin Configuration
Q0
Q1
CLK
CCLK0
Q2
Q3
Q4
STOP
0
1
VCC
CCLK1
CLK_SEL
SYNC
VCC
VCC
CLK_STOP
Q5
Q5
Q6
Q7
OE
(All input resistors have a value of 25KΩ)
GND
Q2
VCC
Q1
GND
Q0
VCC
GND
GND
25
24
26
27
28
29
30
31
32
1
2
34
56
78
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Q6
VCC
Q7
GND
Q8
VCC
GND
PCS2I99447


Similar Part No. - PCS2P99447G-32-LR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P99446G-32-ER PULSECORE-PCS2P99446G-32-ER Datasheet
579Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
PCS2P99446G-32-ET PULSECORE-PCS2P99446G-32-ET Datasheet
579Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
PCS2P99446G-32-LR PULSECORE-PCS2P99446G-32-LR Datasheet
579Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
PCS2P99446G-32-LT PULSECORE-PCS2P99446G-32-LT Datasheet
579Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
PCS2P99448G-32-ER PULSECORE-PCS2P99448G-32-ER Datasheet
598Kb / 15P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
More results

Similar Description - PCS2P99447G-32-LR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
   3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
logo
Alliance Semiconductor ...
ASM2I99447 ALSC-ASM2I99447 Datasheet
565Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Motorola, Inc
MPC9447 MOTOROLA-MPC9447 Datasheet
231Kb / 12P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180B AKM-AK8180B Datasheet
669Kb / 12P
   2.5V, 3.3V LVCMOS 1:9 Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9447 IDT-MPC9447 Datasheet
379Kb / 9P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com