Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P5T907AG-48TT Datasheet(PDF) 10 Page - PulseCore Semiconductor

Part # PCS2P5T907AG-48TT
Description  2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P5T907AG-48TT Datasheet(HTML) 10 Page - PulseCore Semiconductor

Back Button PCS2P5T907AG-48TT Datasheet HTML 6Page - PulseCore Semiconductor PCS2P5T907AG-48TT Datasheet HTML 7Page - PulseCore Semiconductor PCS2P5T907AG-48TT Datasheet HTML 8Page - PulseCore Semiconductor PCS2P5T907AG-48TT Datasheet HTML 9Page - PulseCore Semiconductor PCS2P5T907AG-48TT Datasheet HTML 10Page - PulseCore Semiconductor PCS2P5T907AG-48TT Datasheet HTML 11Page - PulseCore Semiconductor PCS2P5T907AG-48TT Datasheet HTML 12Page - PulseCore Semiconductor PCS2P5T907AG-48TT Datasheet HTML 13Page - PulseCore Semiconductor PCS2P5T907AG-48TT Datasheet HTML 14Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
September 2006
PCS2P5T907A
rev 0.2
2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
10 of 21
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics Over Operating Range for 2.5V LVTTL
1
Symbol
Parameter
Test Conditions
Min.
Typ
8
Max
Unit
Input Characteristics
IIH
Input HIGH Current
10
VDD= 2.6V
VI = VDDQ/GND
±5
IIL
Input LOW Current
10
VDD= 2.6V
VI = GND/VDDQ
±5
µA
VIK
Clamp Diode Voltage
VDD= 2.4V, IIN = -18mA
- 0.7
- 1.2
V
VIN
DC Input Voltage
-0.3
+3.6
V
Single-Ended Inputs
2
VIH
DC Input HIGH
1.7
V
VIL
DC Input LOW
0.7
V
Differential Inputs
VDIF
DC Differential Voltage
3,9
0.2
V
VCM
DC Common Mode Input
Voltage
4,9
1150
1250
1350
mV
VIH
DC Input HIGH5,
6,9
VREF+ 100
mV
VIL
DC Input LOW5,
7,9
VREF-100
mV
VREF
Single-Ended Reference
Voltage
5,9
1250
-
mV
Output Characteristics
IOH= -12mA
VDDQ- 0.4
V
VOH
Output HIGH Voltage
IOH= -100µA
VDDQ- 0.1
V
IOL= 12mA
0.4
V
VOL
Output LOW Voltage
IOL= 100µA
0.1
V
NOTES:
1. See RECOMMENDED OPERATING RANGE table.
2. For 2.5V LVTTL single-ended operation, the RxS pin is tied HIGH and A/VREF is tied to GND.
3. VDIF specifies the minimum input differential voltage (VTR - VCP) required for switching where VTR is the "true" input level and VCP is the "complement" input
level. Differential mode only. The DC differential voltage must be maintained to guarantee retaining the existing HIGH or LOW input. The AC differential
voltage must be achieved to guarantee switching to a new state.
4. VCM specifies the maximum allowable range of (VTR + VCP) /2. Differential mode only.
5. For single-ended operation, in differential mode, A/VREF is tied to the DC voltage VREF.
6. Voltage required to maintain a logic HIGH, single-ended operation in differential mode.
7. Voltage required to maintain a logic LOW, single-ended operation in differential mode.
8. Typical values are at VDD = 2.5V, VDDQ = VDD, +25°C ambient.
9. The reference clock input is capable of HSTL, eHSTL, LVEPECL, 1.8V or 2.5V LVTTL operation independent of the device output. The correct input interface
table should be referenced.
10. For differential mode (RxS = LOW), A and A/VREF must be at the opposite rail.


Similar Part No. - PCS2P5T907AG-48TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P5T9050A PULSECORE-PCS2P5T9050A Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
PCS2P5T9050AF-28TR PULSECORE-PCS2P5T9050AF-28TR Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
PCS2P5T9050AF-28TT PULSECORE-PCS2P5T9050AF-28TT Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
PCS2P5T9050AG-28TR PULSECORE-PCS2P5T9050AG-28TR Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
PCS2P5T9050AG-28TT PULSECORE-PCS2P5T9050AG-28TT Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
More results

Similar Description - PCS2P5T907AG-48TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM2P5T9070A PULSECORE-ASM2P5T9070A Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T907 IDT-IDT5T907 Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
IDT5T9070 IDT-IDT5T9070 Datasheet
57Kb / 7P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
logo
Renesas Technology Corp
5T907 RENESAS-5T907 Datasheet
428Kb / 20P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer™
Mar 2020
logo
Integrated Device Techn...
5T9050 IDT-5T9050 Datasheet
177Kb / 9P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
5T90533 IDT-5T90533 Datasheet
223Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T9070 RENESAS-5T9070 Datasheet
367Kb / 10P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer™ Jr.
Mar 2020
logo
PulseCore Semiconductor
ASM2P5T905A PULSECORE-ASM2P5T905A Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T9050 IDT-IDT5T9050 Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com