Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P5T915A Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS2P5T915A
Description  Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P5T915A Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS2P5T915A Datasheet HTML 1Page - PulseCore Semiconductor PCS2P5T915A Datasheet HTML 2Page - PulseCore Semiconductor PCS2P5T915A Datasheet HTML 3Page - PulseCore Semiconductor PCS2P5T915A Datasheet HTML 4Page - PulseCore Semiconductor PCS2P5T915A Datasheet HTML 5Page - PulseCore Semiconductor PCS2P5T915A Datasheet HTML 6Page - PulseCore Semiconductor PCS2P5T915A Datasheet HTML 7Page - PulseCore Semiconductor PCS2P5T915A Datasheet HTML 8Page - PulseCore Semiconductor PCS2P5T915A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
September 2006
PCS2P5T915A
rev 0.2
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Recommended Operating Range
Symbol
Description
Min
Typ
Max
Unit
TA
Ambient Operating Temperature
-40
+25
+85
° C
VDD
1
Internal Power Supply Voltage
2.4
2.5
2.6
V
HSTL Output Power Supply Voltage
1.4
1.5
1.6
V
Extended HSTL and 1.8V LVTTL Output Power Supply Voltage
1.65
1.8
1.95
V
VDDQ
1
2.5V LVTTL Output Power Supply Voltage
VDD
V
VT
Termination Voltage
VDDQ/ 2
V
Note: 1. All power supplies should operate in tandem. If VDD or VDDQ is at maximum, then VDDQ or VDD (respectively) should be at maximum, and vice-versa.
Pin Description
Symbol I/O
Type
Description
A
I
Adjustable
1
Clock input. A is the "true" side of the differential clock input. If operating in single-ended
mode, A is the clock input.
A/VREF
I
Adjustable
1
Complementary clock input. A/VREF is the "complementary" side of A if the input is in
differential mode. If operating in single-ended mode, A/VREF is connected to GND. For
single-ended operation in differential mode, A/VREF should be set to the desired toggle
voltage for A:
2.5V LVTTL
VREF = 1250mV
1.8V LVTTL, eHSTL
VREF = 900mV
HSTL
VREF = 750mV
LVEPECL
, VREF = 1082mV
G(+)
I
LVTTL
5
Gate control for "true", Qn, outputs. When G(+)is LOW, the "true" outputs are enabled.
When G(+)is HIGH, the "true" outputs are asynchronously disabled to the level
designated by GL
4.
G(-)
I
LVTTL
5
Gate control for "complementary", Qn, outputs. When G(-)is LOW, the "complementary"
outputs are enabled. When G(-)is HIGH, the "complementary" outputs are
asynchronously disabled to the opposite level as GL
4.
GL
I
LVTTL
5
Specifies output disable level. If HIGH, "true" outputs disable HIGH and "complementary"
outputs disable LOW. If LOW, "true" outputs disable LOW and "complementary" outputs
disable HIGH.
Qn
O
Adjustable
2
Clock outputs
Qn
O
Adjustable
2
Complementary clock outputs
RxS
I
3 Level
3
Selects single-ended 2.5V LVTTL (HIGH), 1.8V LVTTL (MID) clock input or differential
(LOW) clock input
TxS
I
3 Level
3
Sets the drive strength of the output drivers to be 2.5V LVTTL (HIGH), 1.8V LVTTL (MID)
or HSTL (LOW) compatible. Used in conjuction with VDDQ to set the interface levels.
VDD
PWR
Power supply for the device core and inputs
VDDQ
PWR
Power supply for the device outputs. When utilizing 2.5V LVTTL outputs, VDDQ should be
connected to VDD.
GND
PWR
Power supply return for all power
Notes: 1. Inputs are capable of translating the following interface standards. User can select between:
Single-ended 2.5V LVTTL levels
Single-ended 1.8V LVTTL levels
or
Differential 2.5V/1.8V LVTTL levels
Differential HSTL and eHSTL levels
Differential LVEPECL levels
2. Outputs are user selectable to drive 2.5V, 1.8V LVTTL, eHSTL, or HSTL interface levels when used with the appropriate VDDQ voltage.
3. 3-level inputs are static inputs and must be tied to VDD or GND or left floating. These inputs are not hot-insertable or over voltage tolerant.
4. Because the gate controls are asynchronous, runt pulses are possible. It is the user's responsibility to either time the gate control signals to minimize
the possibility of runt pulses or be able to tolerate them in down stream circuitry.
5. Pins listed as LVTTL inputs will accept 2.5V signals when RxS = HIGH or 1.8V signals when RxS = LOW or MID.


Similar Part No. - PCS2P5T915A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P5T9050A PULSECORE-PCS2P5T9050A Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
PCS2P5T9050AF-28TR PULSECORE-PCS2P5T9050AF-28TR Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
PCS2P5T9050AF-28TT PULSECORE-PCS2P5T9050AF-28TT Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
PCS2P5T9050AG-28TR PULSECORE-PCS2P5T9050AG-28TR Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
PCS2P5T9050AG-28TT PULSECORE-PCS2P5T9050AG-28TT Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
More results

Similar Description - PCS2P5T915A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T915 IDT-IDT5T915 Datasheet
127Kb / 19P
   2.5V DIFFERENTIAL 1:5 CLOCK BUFFER TERABUFFER
5T915 IDT-5T915 Datasheet
322Kb / 21P
   2.5V Differential 1:5 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T915 RENESAS-5T915 Datasheet
527Kb / 22P
   2.5V Differential 1:5 Clock Buffer Terabuffer™
Mar 2020
logo
Texas Instruments
CDC3RL02 TI-CDC3RL02 Datasheet
750Kb / 15P
[Old version datasheet]   LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
750Kb / 15P
[Old version datasheet]   LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02 TI1-CDC3RL02_16 Datasheet
820Kb / 20P
[Old version datasheet]   Low Phase-Noise Two-Channel Clock Fan-Out Buffer
logo
Nexperia B.V. All right...
74AVC9112 NEXPERIA-74AVC9112 Datasheet
205Kb / 16P
   1-to-4 fan-out buffer
Rev. 1 - 23 April 2018
74AVC1T1022 NEXPERIA-74AVC1T1022 Datasheet
270Kb / 25P
   1-to-4 fan-out buffer
74AVC1T1004 NEXPERIA-74AVC1T1004 Datasheet
262Kb / 18P
   1-to-4 fan-out buffer
Rev. 2 - 1 March 2021
logo
Pericom Semiconductor C...
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com