Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P5T915AG Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # PCS2P5T915AG
Description  Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P5T915AG Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button PCS2P5T915AG Datasheet HTML 2Page - PulseCore Semiconductor PCS2P5T915AG Datasheet HTML 3Page - PulseCore Semiconductor PCS2P5T915AG Datasheet HTML 4Page - PulseCore Semiconductor PCS2P5T915AG Datasheet HTML 5Page - PulseCore Semiconductor PCS2P5T915AG Datasheet HTML 6Page - PulseCore Semiconductor PCS2P5T915AG Datasheet HTML 7Page - PulseCore Semiconductor PCS2P5T915AG Datasheet HTML 8Page - PulseCore Semiconductor PCS2P5T915AG Datasheet HTML 9Page - PulseCore Semiconductor PCS2P5T915AG Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
September 2006
PCS2P5T915A
rev 0.2
Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer
6 of 23
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics Over Operating Range for HSTL
1
Symbol
Parameter
Test Conditions
Min
Typ
7
Max
Unit
Input Characteristics
IIH
Input HIGH Current
9
VDD= 2.6V
VI = VDDQ/GND
±5
IIL
Input LOW Current
9
VDD= 2.6V
VI = GND/VDDQ
±5
µA
VIK
Clamp Diode Voltage
VDD= 2.4V, IIN= - 18mA
-0.7
- 1.2
V
VIN
DC Input Voltage
-0.3
+3.6
V
VDIF
DC Differential Voltage
2,8
0.2
V
VCM
DC Common Mode Input
Voltage
3,8
680
750
900
mV
VIH
DC Input HIGH
4,5,8
VREF+ 100
mV
VIL
DC Input LOW
4,6,8
VREF- 100
mV
VREF
Single-Ended Reference
Voltage
4,8
750
mV
Output Characteristics
IOH= -8mA
VDDQ- 0.4
V
VOH
Output HIGH Voltage
IOH= -100µA
VDDQ- 0.1
V
IOL= 8mA
0.4
V
VOL
Output LOW Voltage
IOL= 100µA
0.1
V
Notes: 1. See RECOMMENDED OPERATING RANGE table.
2. VDIF specifies the minimum input differential voltage (VTR - VCP) required for switching where VTR is the "true" input level and VCP is the "complement"
input level. Differential mode only. The DC differential voltage must be maintained to guarantee retaining the existing HIGH or LOW input. The AC
differential voltage must be achieved to guarantee switching to a new state.
3. VCM specifies the maximum allowable range of (VTR + VCP) /2. Differential mode only.
4. For single-ended operation, in differential mode, A/VREF is tied to the DC voltage VREF.
5. Voltage required to maintain a logic HIGH, single-ended operation in differential mode.
6. Voltage required to maintain a logic LOW, single-ended operation in differential mode.
7. Typical values are at VDD = 2.5V, VDDQ = 1.5V, +25°C ambient.
8. The reference clock input is capable of HSTL, eHSTL, LVEPECL, 1.8V or 2.5V LVTTL operation independent of the device output. The correct input
interface table should be referenced.
9. For differential mode (RxS = LOW), A and A/VREF must be at the opposite rail.
Power Supply Characteristics for HSTL Outputs
1
Symbol
Parameter
Test Conditions
2
Typ
Max
Unit
IDDQ
Quiescent VDD Power
Supply Current
VDDQ= Max., Reference Clock = LOW
3
Outputs enabled, All outputs unloaded
20
30
mA
IDDQQ
Quiescent VDDQ Power
Supply Current
VDDQ= Max., Reference Clock = LOW
3
Outputs enabled, All outputs unloaded
0.1
0.3
mA
IDDD
Dynamic VDD Power
Supply Current per
Output
VDD= Max., VDDQ= Max., CL= 0pF
20
30
µA/MHz
IDDDQ
Dynamic VDDQ Power
Supply Current per
Output
VDD= Max., VDDQ= Max., CL= 0pF
30
50
µA/MHz
VDDQ= 1.5V, FREFERENCE CLOCK= 100MHz,CL= 15pF
20
40
ITOT
Total Power VDD Supply
Current
VDDQ= 1.5V, FREFERENCE CLOCK= 250MHz, CL= 15pF
35
50
mA
VDDQ= 1.5V, FREFERENCE CLOCK= 100MHz, CL= 15pF
35
70
ITOTQ
Total Power VDDQ Supply
Current
VDDQ= 1.5V, FREFERENCE CLOCK= 250MHz, CL= 15pF
60
120
mA
Note: 1. These power consumption characteristics are for all the valid input interfaces and cover the worst case input and output interface combinations.
2. The termination resistors are excluded from these measurements.
3. If the differential input interface is used, the true input is held LOW and the complementary input is held HIGH.


Similar Part No. - PCS2P5T915AG

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P5T9050A PULSECORE-PCS2P5T9050A Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
PCS2P5T9050AF-28TR PULSECORE-PCS2P5T9050AF-28TR Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
PCS2P5T9050AF-28TT PULSECORE-PCS2P5T9050AF-28TT Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
PCS2P5T9050AG-28TR PULSECORE-PCS2P5T9050AG-28TR Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
PCS2P5T9050AG-28TT PULSECORE-PCS2P5T9050AG-28TT Datasheet
436Kb / 10P
   2.5V Single Data Rate1:5 Clock Buffer Terabuffer
More results

Similar Description - PCS2P5T915AG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T915 IDT-IDT5T915 Datasheet
127Kb / 19P
   2.5V DIFFERENTIAL 1:5 CLOCK BUFFER TERABUFFER
5T915 IDT-5T915 Datasheet
322Kb / 21P
   2.5V Differential 1:5 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T915 RENESAS-5T915 Datasheet
527Kb / 22P
   2.5V Differential 1:5 Clock Buffer Terabuffer™
Mar 2020
logo
Texas Instruments
CDC3RL02 TI-CDC3RL02 Datasheet
750Kb / 15P
[Old version datasheet]   LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
750Kb / 15P
[Old version datasheet]   LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02 TI1-CDC3RL02_16 Datasheet
820Kb / 20P
[Old version datasheet]   Low Phase-Noise Two-Channel Clock Fan-Out Buffer
logo
Nexperia B.V. All right...
74AVC9112 NEXPERIA-74AVC9112 Datasheet
205Kb / 16P
   1-to-4 fan-out buffer
Rev. 1 - 23 April 2018
74AVC1T1022 NEXPERIA-74AVC1T1022 Datasheet
270Kb / 25P
   1-to-4 fan-out buffer
74AVC1T1004 NEXPERIA-74AVC1T1004 Datasheet
262Kb / 18P
   1-to-4 fan-out buffer
Rev. 2 - 1 March 2021
logo
Pericom Semiconductor C...
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com