Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P3805E Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS2P3805E
Description  3.3V CMOS Dual 1-To-5 Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P3805E Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS2P3805E Datasheet HTML 1Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 2Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 3Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 4Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 5Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 6Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 7Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 8Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
September 2006
PCS2P3805E
rev 0.3
3.3V CMOS Dual 1-To-5 Clock Driver
3 of 11
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
1
Symbol
Description
Max
Unit
VCC
Input Power Supply Voltage
-0.5 to +4.6
V
VI
Input Voltage
-0.5 to +5.5
V
VO
Output Voltage
-0.5 to VCC+0.5
V
TJ
Junction Temperature
150
° C
TSTG
Storage Temperature
-65 to +165
° C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: 1 These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics over Operating Range
Following Conditions Apply Unless Otherwise Specified
Industrial: TA = -40°C to +85°C, VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions1
Min
Typ2
Max
Unit
VIH
Input HIGH Level
2
-
5.5
V
VIL
Input LOW Level
-0.5
-
0.8
V
IIH
Input HIGH Current
VCC= Max.
VI = 5.5V
-
-
±1
IIL
Input LOW Current
VCC= Max.
VI = GND
-
-
±1
IOZH
VO = VCC
-
-
±1
IOZL
High Impedance Output Current
(3-State Outputs Pins)
VCC= Max.
VO = GND
-
-
±1
µA
VIK
Clamp Diode Voltage
VCC= Min., IIN = –18mA
-
-0.7
-1.2
V
IODH
Output HIGH Current
VCC= 3.3V, VIN = VIH or VIL, VO = 1.5V
3,4
-45
-74
-180
mA
IODL
Output LOW Current
VCC= 3.3V, VIN = VIH or VIL, VO = 1.5V
3,4
50
90
200
mA
IOS
Short Circuit Current
VCC= Max., VO = GND
3,4
-60
-135
-240
mA
IOL= 12mA
2.4
5
3
-
IOH= –8mA
2.4
5
3
-
VOH
Output HIGH Voltage
VCC= Min.
VIN = VIH or VIL
IOH= –100µA
VCC - 0.2
-
-
V
IOL= 12mA
-
0.3
0.4
IOL= 8mA
-
0.2
0.4
VOL
Output LOW Voltage
VCC= Min.
VIN = VIH or VIL
IOL= 100µA
-
-
0.2
V
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, 25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = VCC -0.6V at rated current.


Similar Part No. - PCS2P3805E

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-AR PULSECORE-PCS2P3805AG-20-AR Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-AT PULSECORE-PCS2P3805AG-20-AT Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-DR PULSECORE-PCS2P3805AG-20-DR Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-DT PULSECORE-PCS2P3805AG-20-DT Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
More results

Similar Description - PCS2P3805E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
logo
Alliance Semiconductor ...
ASM2P3805X ALSC-ASM2P3805X Datasheet
500Kb / 12P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805D IDT-IDT49FCT3805D Datasheet
71Kb / 7P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Potato Semiconductor Co...
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com