Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P23S05AG-1-08-TR Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM5P23S05AG-1-08-TR
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P23S05AG-1-08-TR Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM5P23S05AG-1-08-TR Datasheet HTML 1Page - PulseCore Semiconductor ASM5P23S05AG-1-08-TR Datasheet HTML 2Page - PulseCore Semiconductor ASM5P23S05AG-1-08-TR Datasheet HTML 3Page - PulseCore Semiconductor ASM5P23S05AG-1-08-TR Datasheet HTML 4Page - PulseCore Semiconductor ASM5P23S05AG-1-08-TR Datasheet HTML 5Page - PulseCore Semiconductor ASM5P23S05AG-1-08-TR Datasheet HTML 6Page - PulseCore Semiconductor ASM5P23S05AG-1-08-TR Datasheet HTML 7Page - PulseCore Semiconductor ASM5P23S05AG-1-08-TR Datasheet HTML 8Page - PulseCore Semiconductor ASM5P23S05AG-1-08-TR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ASM5P23S05A
November 2006
ASM5P23S09A
rev 1.5
3.3V ‘SpreadTrak’ Zero Delay Buffer
5 of 18
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply Voltage to Ground Potential
-0.5
+7.0
V
DC Input Voltage (Except REF)
-0.5
VDD + 0.5
V
DC Input Voltage (REF)
-0.5
7
V
Storage Temperature
-65
+150
°C
Max. Soldering Temperature (10 sec)
-
260
°C
Junction Temperature
-
150
°C
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
-
2
KV
Note: These are stress ratings only and functional usage is not implied. Exposure to absolute maximum ratings for prolonged periods can affect device
reliability.
Operating Conditions for ASM5P23S05A and ASM5P23S09A - Commercial Temperature Devices
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, below 100MHz
-
30
pF
CL
Load Capacitance, from 100MHz to 133MHz
-
10
pF
CIN
Input Capacitance
-
7
pF
Electrical Characteristics for ASM5P23S05A and ASM5P23S09A - Commercial Temperature Devices
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VIL
Input LOW Voltage
5
-
-
0.8
V
VIH
Input HIGH Voltage
5
2.0
-
-
V
IIL
Input LOW Current
VIN = 0V
-
-
50.0
µA
IIH
Input HIGH Current
VIN = VDD
-
-
100.0
µA
VOL
Output LOW Voltage
6
IOL = 8mA (-1)
IOH = 12mA (-1H)
-
-
0.4
V
VOH
Output HIGH Voltage
6
IOL = -8mA (-1)
IOH = -12mA (-1H)
2.4
-
-
V
IDD
Supply Current
Unloaded outputs at 66.67 MHz,
SEL inputs at VDD
-
-
34
mA
ZO
Output Impedance
-
23
-
Notes:
5. REF input has a threshold voltage of VDD/2
6. Parameter is guaranteed by design and characterization. Not 100% tested in production


Similar Part No. - ASM5P23S05AG-1-08-TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P23S05A-1-08-SR ALSC-ASM5P23S05A-1-08-SR Datasheet
388Kb / 18P
   3.3V SpreadTrak Zero Delay Buffer
ASM5P23S05A-1-08-SR ALSC-ASM5P23S05A-1-08-SR Datasheet
206Kb / 16P
   3.3V SpreadTrak Zero Delay Buffer
ASM5P23S05A-1-08-ST ALSC-ASM5P23S05A-1-08-ST Datasheet
388Kb / 18P
   3.3V SpreadTrak Zero Delay Buffer
ASM5P23S05A-1-08-ST ALSC-ASM5P23S05A-1-08-ST Datasheet
206Kb / 16P
   3.3V SpreadTrak Zero Delay Buffer
ASM5P23S05A-1-08-TR ALSC-ASM5P23S05A-1-08-TR Datasheet
388Kb / 18P
   3.3V SpreadTrak Zero Delay Buffer
More results

Similar Description - ASM5P23S05AG-1-08-TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM5P23S08A PULSECORE-ASM5P23S08A Datasheet
404Kb / 17P
   3.3V ?쁓preadTrak??Zero Delay Buffer
ASMP5P23S04A PULSECORE-ASMP5P23S04A Datasheet
435Kb / 15P
   3.3V ?쁓preadTrak??Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com