Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P23S08AG-1H-16-SR Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM5P23S08AG-1H-16-SR
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P23S08AG-1H-16-SR Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM5P23S08AG-1H-16-SR Datasheet HTML 1Page - PulseCore Semiconductor ASM5P23S08AG-1H-16-SR Datasheet HTML 2Page - PulseCore Semiconductor ASM5P23S08AG-1H-16-SR Datasheet HTML 3Page - PulseCore Semiconductor ASM5P23S08AG-1H-16-SR Datasheet HTML 4Page - PulseCore Semiconductor ASM5P23S08AG-1H-16-SR Datasheet HTML 5Page - PulseCore Semiconductor ASM5P23S08AG-1H-16-SR Datasheet HTML 6Page - PulseCore Semiconductor ASM5P23S08AG-1H-16-SR Datasheet HTML 7Page - PulseCore Semiconductor ASM5P23S08AG-1H-16-SR Datasheet HTML 8Page - PulseCore Semiconductor ASM5P23S08AG-1H-16-SR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
November 2006
ASM5P23S08A
rev 1.5
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
3.3V ‘SpreadTrak’ Zero Delay Buffer
General Features
Zero input - output propagation delay, adjustable by
capacitive load on FBK input.
Multiple
configurations
-
Refer
“ASM5P23S08A
Configurations” Table.
Input frequency range: 15MHz to 133MHz
Multiple low-skew outputs.
• Output-output skew less than 200pS.
• Device-device skew less than 700pS.
• Two banks of four outputs, tri-stateable by two select
inputs.
Less than 200pS cycle-to-cycle jitter
(-1, -1H, -2, -3, -4, -5H).
Available in 16 pin SOIC and TSSOP Packages.
3.3V operation.
Advanced 0.35µ CMOS technology.
Industrial temperature available.
‘SpreadTrak’.
Functional Description
ASM5P23S08A is a versatile, 3.3V zero-delay buffer
designed to distribute high-speed clocks. It is available in a
16 pin package. The part has an on-chip PLL, which locks
to an input clock, presented on the REF pin. The PLL
feedback is required to be driven to FBK pin, and can be
obtained from one of the outputs. The input-to-output
propagation delay is guaranteed to be less than 350pS,
and the output-to-output skew is guaranteed to be less than
250pS.
The ASM5P23S08A has two banks of four outputs each,
which can be controlled by the select inputs as shown in
the Select Input Decoding Table. The select input also
allows the input clock to be directly applied to the outputs
for chip and system testing purposes.
Multiple ASM5P23S08A devices can accept the same input
clock and distribute it. In this case the skew between the
outputs of the two devices is guaranteed to be less than
700pS.
The
ASM5P23S08A
is
available
in
five
different
configurations
(Refer
“ASM5P23S08A
Configurations
Table). The ASM5P23S08A-1 is the base part, where the
output frequencies equal the reference if there is no
counter in the feedback path. The ASM5P23S08A-1H is
the high-drive version of the -1 and the rise and fall times
on this device are faster.
The ASM5P23S08A-2 allows the user to obtain 2X and 1X
frequencies on each output bank. The exact configuration
and output frequencies depends on which output drives the
feedback pin. The ASM5P23S08A-3 allows the user to
obtain 4X and 2X frequencies on the outputs.
The ASM5P23S08A-4 enables the user to obtain 2X clocks
on all outputs. Thus, the part is extremely versatile, and
can be used in a variety of applications.
The ASM5P23S08A-5H is a high-drive version with REF/2
on both banks


Similar Part No. - ASM5P23S08AG-1H-16-SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P23S08AG-1H-16-SR ALSC-ASM5P23S08AG-1H-16-SR Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5P23S08AG-1H-16-SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASMP5P23S04A PULSECORE-ASMP5P23S04A Datasheet
435Kb / 15P
   3.3V ?쁓preadTrak??Zero Delay Buffer
ASM5P23S05A PULSECORE-ASM5P23S05A Datasheet
368Kb / 18P
   3.3V ?쁓preadTrak??Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com