Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P20805AG-20-DR Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS2P20805AG-20-DR
Description  2.5V CMOS Dual 1-To-5 Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P20805AG-20-DR Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS2P20805AG-20-DR Datasheet HTML 1Page - PulseCore Semiconductor PCS2P20805AG-20-DR Datasheet HTML 2Page - PulseCore Semiconductor PCS2P20805AG-20-DR Datasheet HTML 3Page - PulseCore Semiconductor PCS2P20805AG-20-DR Datasheet HTML 4Page - PulseCore Semiconductor PCS2P20805AG-20-DR Datasheet HTML 5Page - PulseCore Semiconductor PCS2P20805AG-20-DR Datasheet HTML 6Page - PulseCore Semiconductor PCS2P20805AG-20-DR Datasheet HTML 7Page - PulseCore Semiconductor PCS2P20805AG-20-DR Datasheet HTML 8Page - PulseCore Semiconductor PCS2P20805AG-20-DR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
September 2006
PCS2P20805A
rev 0.3
2.5V CMOS Dual 1-To-5 Clock Driver
4 of 11
Notice: The information in this document is subject to change without notice.
Power Supply Characteristics
Symbol
Parameter
Test Conditions
1
Min
Typ
2
Max
Unit
ICCL
ICCH
ICCZ
Quiescent Power Supply
Current
VCC = Max. VIN = GND or VCC
0.1
20
µA
∆ICC
Power Supply Current per
Input HIGH
VCC = Max.
VIN = VCC –0.6V
35
250
µA
ICCD
Dynamic Power Supply
Current per Output
3
VCC= Max.
CL= 15pF
All Outputs Toggling
VIN = VCC
VIN = GND
65
100
µA/MHz
VIN = VCC
VIN = GND
140
160
VCC= Max.
CL= 15pF
All Outputs Toggling
fi = 133MHz
VIN = VCC –0.6V
VIN = GND
140
160
VIN = VCC
VIN = GND
170
200
IC
Total Power Supply
Current
4
VCC= Max.
CL= 15pF
All Outputs Toggling
fi = 166MHz
VIN = VCC –0.6V
VIN= GND
170
200
mA
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 2.5V, +25°C ambient.
3. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
4. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC + ∆ICC DHNT + ICCD (fONO)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = VCC -0.6V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fO = Output Frequency
NO = Number of Outputs at fO


Similar Part No. - PCS2P20805AG-20-DR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807AG-20-AR PULSECORE-PCS2P20807AG-20-AR Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807AG-20-AT PULSECORE-PCS2P20807AG-20-AT Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807AG-20-DR PULSECORE-PCS2P20807AG-20-DR Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807AG-20-DT PULSECORE-PCS2P20807AG-20-DT Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - PCS2P20805AG-20-DR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805 Datasheet
63Kb / 7P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_09 Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Alliance Semiconductor ...
ASM2P20805A ALSC-ASM2P20805A Datasheet
486Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
49FCT20805PYGI IDT-49FCT20805PYGI Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com