Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P20807AG-20-AT Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS2P20807AG-20-AT
Description  2.5V CMOS 1-TO-10 CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P20807AG-20-AT Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS2P20807AG-20-AT Datasheet HTML 1Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 2Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 3Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 4Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 5Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 6Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 7Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 8Page - PulseCore Semiconductor PCS2P20807AG-20-AT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
September 2006
PCS2P20807A
rev 0.3
2.5V CMOS 1-TO-10 CLOCK DRIVER
3 of 11
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
1
Symbol
Description
Max
Unit
VTERM
2
Terminal Voltage with Respect to GND
-0.5 to +4.6
V
VTERM
3
Terminal Voltage with Respect to GND
-0.5 to +5.5
V
VTERM
4
Terminal Voltage with Respect to GND
-0.5 to VCC+0.5
V
TSTG
Storage Temperature
-65 to +150
° C
IOUT
DC Output Current
-60 to +60
mA
NOTES:
1. These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
2. VCC terminals.
3. Input terminals.
4. Outputs and I/O terminals.
Power Supply Characteristics
Symbol
Parameter
Test Conditions
1
Min
Typ
2
Max
Unit
ICCL
ICCH
Quiescent
Power
Supply Current TTL
Inputs HIGH
VCC= Max
VIN = GND or VCC
0.1
20
µA
∆ICC
Power Supply Current
per Input HIGH
VCC= Max
VIN = VCC -0.6V
45
300
µA
ICCD
Dynamic Power Supply
Current per Output
3
VCC= 2.7V and 15 pF load
150 MHz
40
µA
/MHz
VIN= VCC
VIN= GND
105
125
IC
Total
Power
Supply
Current
4
VCC= Max.
CL= 12pF
All outputs toggling
fi = 150MHz
VIN= VCC –0.6V
VIN= GND
105
125
mA
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 2.5V, +25°C ambient.
3. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
4. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC + ∆ICC DHNT + ICCD (fi)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = VCC -0.6V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fi = Input Frequency


Similar Part No. - PCS2P20807AG-20-AT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P20805A PULSECORE-PCS2P20805A Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
PCS2P20805AG-20-AR PULSECORE-PCS2P20805AG-20-AR Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
PCS2P20805AG-20-AT PULSECORE-PCS2P20805AG-20-AT Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
PCS2P20805AG-20-DR PULSECORE-PCS2P20805AG-20-DR Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
PCS2P20805AG-20-DT PULSECORE-PCS2P20805AG-20-DT Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
More results

Similar Description - PCS2P20807AG-20-AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT20807 RENESAS-IDT74FCT20807 Datasheet
217Kb / 7P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805 Datasheet
63Kb / 7P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20805A PULSECORE-PCS2P20805A Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_09 Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Alliance Semiconductor ...
ASM2P20805A ALSC-ASM2P20805A Datasheet
486Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com