Electronic Components Datasheet Search |
|
PCS2P2309NZG-16-ST Datasheet(PDF) 2 Page - PulseCore Semiconductor |
|
PCS2P2309NZG-16-ST Datasheet(HTML) 2 Page - PulseCore Semiconductor |
2 / 8 page May 2008 PCS2P2309NZ rev 0.4 3.3V 1:9 Clock Buffer 2 of 8 Notice: The information in this document is subject to change without notice. Pin Configuration Pin Description Pin# Pin Name Description 4, 8, 13 VDD 3.3V Digital Voltage Supply 5, 9, 12 GND Ground 1 BUF_IN Input Clock 2, 3, 6, 7, 10, 11, 14, 15, 16 OUTPUT [1:9] Outputs Absolute Maximum Ratings Parameter Min Max Unit Supply Voltage to Ground Potential -0.5 +4.6 V DC Input Voltage (Except REF) -0.5 VDD + 0.5 V DC Input Voltage (REF) -0.5 7 V Storage Temperature -65 +150 °C Max. Soldering Temperature (10 sec) 260 °C Junction Temperature 150 °C Static Discharge Voltage (As per JEDEC STD22- A114-B) 2000 V Note: These are stress ratings only and functional usage is not implied. Exposure to absolute maximum ratings for prolonged periods can affect device reliability. 10 11 12 13 14 15 16 9 VDD 2 3 4 5 6 7 8 OUTPUT2 VDD OUTPUT7 OUTPUT8 OUTPUT5 OUTPUT6 VDD OUTPUT9 GND GND PCS2P2309NZ OUTPUT3 OUTPUT4 GND OUTPUT1 BUF_IN 1 |
Similar Part No. - PCS2P2309NZG-16-ST |
|
Similar Description - PCS2P2309NZG-16-ST |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |