Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2I2309NZG-16-SR Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # PCS2I2309NZG-16-SR
Description  3.3V 1:9 Clock Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I2309NZG-16-SR Datasheet(HTML) 7 Page - PulseCore Semiconductor

  PCS2I2309NZG-16-SR Datasheet HTML 1Page - PulseCore Semiconductor PCS2I2309NZG-16-SR Datasheet HTML 2Page - PulseCore Semiconductor PCS2I2309NZG-16-SR Datasheet HTML 3Page - PulseCore Semiconductor PCS2I2309NZG-16-SR Datasheet HTML 4Page - PulseCore Semiconductor PCS2I2309NZG-16-SR Datasheet HTML 5Page - PulseCore Semiconductor PCS2I2309NZG-16-SR Datasheet HTML 6Page - PulseCore Semiconductor PCS2I2309NZG-16-SR Datasheet HTML 7Page - PulseCore Semiconductor PCS2I2309NZG-16-SR Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
May 2008
PCS2P2309NZ
rev 0.4
3.3V 1:9 Clock Buffer
7 of 8
Notice: The information in this document is subject to change without notice.
Ordering Code
Part Number
Marking
Package Type
Temperature
PCS2P2309NZF-16-ST
2P2309NZF
16-pin 150-mil SOIC, Pb Free
Commercial
PCS2P2309NZF-16-SR
2P2309NZF
16-pin 150-mil SOIC, Tape and Reel, Pb Free
Commercial
PCS2I2309NZF-16-ST
2I2309NZF
16-pin 150-mil SOIC, Pb Free
Industrial
PCS2I2309NZF-16-SR
2I2309NZF
16-pin 150-mil SOIC, Tape and Reel, Pb Free
Industrial
PCS2P2309NZG-16-ST
2P2309NZG
16-pin 150-mil SOIC, Green
Commercial
PCS2P2309NZG-16-SR
2P2309NZG
16-pin 150-mil SOIC, Tape and Reel, Green
Commercial
PCS2I2309NZG-16-ST
2I2309NZG
16-pin 150-mil SOIC, Green
Industrial
PCS2I2309NZG-16-SR
2I2309NZG
16-pin 150-mil SOIC ,Tape and Reel, Green
Industrial
Device Ordering Information
PCS2P2309NZG-16-SR
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
O = SOT
U = MSOP
S = SOIC
E = TQFP
T = TSSOP
L = LQFP
A = SSOP
U = MSOP
V = TVSOP
P = PDIP
B = BGA
D = QSOP
Q = QFN
X = SC-70
DEVICE PIN COUNT
X= Automotive
I= Industrial
P or n/c = Commercial
(-40C to +125C)
(-40C to +85C)
(0C to +70C)
1 = Clock Generator
6 = Power Management
2 = Non PLL based
7 = Power Management
3 = EMI Reduction
8 = Power Management
4 = DDR support products
9 = Hi Performance
5 = STD Zero Delay Buffer
0 = Reserved
PulseCore Semiconductor Mixed Signal Product
PART NUMBER
F = LEAD FREE AND RoHS COMPLIANT PART
G = GREEN PACKAGE, LEAD FREE, and RoHS
R = Tape & Reel, T = Tube or Tray


Similar Part No. - PCS2I2309NZG-16-SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I2309NZG-16-SR PULSECORE-PCS2I2309NZG-16-SR Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
More results

Similar Description - PCS2I2309NZG-16-SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
   3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9447 MOTOROLA-MPC9447 Datasheet
231Kb / 12P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180B AKM-AK8180B Datasheet
669Kb / 12P
   2.5V, 3.3V LVCMOS 1:9 Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9447 IDT-MPC9447 Datasheet
379Kb / 9P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99447 ALSC-ASM2I99447 Datasheet
565Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Cypress Semiconductor
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:9 Clock Distribution Buffer
logo
PulseCore Semiconductor
PCS2I99447 PULSECORE-PCS2I99447 Datasheet
567Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
ON Semiconductor
PCS2P2305NZ ONSEMI-PCS2P2305NZ Datasheet
283Kb / 8P
   3.3V 1:5 Clock Buffer
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS2P2305NZ PULSECORE-PCS2P2305NZ Datasheet
304Kb / 8P
   3.3V 1:5 Clock Buffer
logo
ON Semiconductor
P2I2305NZ ONSEMI-P2I2305NZ Datasheet
132Kb / 6P
   3.3V 1 5 Clock Buffer
January, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com