Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2I3805AG-20-AT Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # PCS2I3805AG-20-AT
Description  3.3V CMOS Buffer Clock Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I3805AG-20-AT Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button PCS2I3805AG-20-AT Datasheet HTML 2Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 3Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 4Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 5Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 6Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 7Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 8Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 9Page - PulseCore Semiconductor PCS2I3805AG-20-AT Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
September 2006
PCS2P3805A
rev 0.3
3.3V CMOS Buffer Clock Driver
6 of 12
Notice: The information in this document is subject to change without notice.
Switching Characteristics Over Operating Range – Commercial
3,4
PCS2P3805A
Symbol
Parameter
Conditions
1
Min
2
Max
Unit
tPLH
tPHL
Propagation Delay
INA to OAn, INB to OBn
1.5
5
nS
tR
Output Rise Time (0.8V to 2.0V)
2
nS
tF
Output Fall Time (2.0V to 0.8V)
2
nS
tSK(O)
Output skew: skew between outputs of all
banks of same package
(inputs tied together)
0.5
nS
tSK(P)
Pulse skew: skew between opposite
transitions of same output (|tPHL -– tPLH|)
1
nS
tSK(T)
Package skew: skew between outputs of
different packages at same power supply
voltage, temperature, package type and
speed grade
1.2
nS
tPZL
tPZH
Output Enable Time
OE
¯¯ A to OAn, OE
¯¯ B to OBn
1.5
6
nS
tPLZ
tPHZ
Output Disable Time
OE
¯¯ A to OAn, OE
¯¯ B to OBn
CL= 50pF
RL= 500Ω
1.5
5
nS
Switching Characteristics Over Operating Range – Industrial
3,4
PCS2P3805A
Symbol
Parameter
Conditions
1
Min
2
Max
Unit
tPLH
tPHL
Propagation Delay
INA to OAn, INB to OBn
1.5
5.2
nS
tR
Output Rise Time (0.8V to 2.0V)
2
nS
tF
Output Fall Time (2.0V to 0.8V)
2
nS
tSK(O)
Output skew: skew between outputs of all
banks of same package (inputs tied
together)
0.6
nS
tSK(P)
Pulse skew: skew between opposite
transitions of same output (|tPHL -– tPLH|)
1
nS
tSK(T)
Package skew: skew between outputs of
different packages at same power supply
voltage, temperature, package type and
speed grade
1.2
nS
tPZL
tPZH
Output Enable Time
OE
¯¯ A to OAn, OE
¯¯ B to OBn
1.5
6
nS
tPLZ
tPHZ
Output Disable Time
OE
¯¯ A to OAn, OE
¯¯ B to OBn
CL= 50pF
RL= 500Ω
1.5
5
nS
Note: 1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. tPLH, tPHL, tSK(t) are production tested. All other parameters guaranteed but not production tested.
4. Propagation delay range indicated by Min. and Max. limit is due to VCC, operating temperature and process parameters. These propagation delay
limits do not imply skew.


Similar Part No. - PCS2I3805AG-20-AT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I3805EG-20-AR PULSECORE-PCS2I3805EG-20-AR Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2I3805EG-20-AT PULSECORE-PCS2I3805EG-20-AT Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2I3805EG-20-DR PULSECORE-PCS2I3805EG-20-DR Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2I3805EG-20-DT PULSECORE-PCS2I3805EG-20-DT Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
More results

Similar Description - PCS2I3805AG-20-AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
QS532805 IDT-QS532805 Datasheet
97Kb / 6P
   GUARANTEED LOW SKEW 3.3V CMOS CLOCK DRIVER/BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com