Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P23S08AG-2-16-TT Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM5P23S08AG-2-16-TT
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P23S08AG-2-16-TT Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM5P23S08AG-2-16-TT Datasheet HTML 1Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 2Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 3Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 4Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 5Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 6Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 7Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 8Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
November 2006
ASM5P23S08A
rev 1.5
3.3V ‘SpreadTrak’ Zero Delay Buffer
2 of 17
Notice: The information in this document is subject to change without notice.
Block Diagram
Select Input Decoding for ASM5P23S08A
S2
S1
Clock A1 - A4
Clock B1 - B4
Output Source
PLL Shut-Down
0
0
Three-state
Three-state
PLL
Y
0
1
Driven
Three-state
PLL
N
1
0
Driven
1
Driven
Reference
Y
1
1
Driven
Driven
PLL
N
ASM5P23S08A Configurations
Device
Feedback From
Bank A Frequency
Bank B Frequency
ASM5P23S08A-1
Bank A or Bank B
Reference
Reference
ASM5P23S08A-1H
Bank A or Bank B
Reference
Reference
ASM5P23S08A-2
Bank A
Reference
Reference /2
ASM5P23S08A-2
Bank B
2 X Reference
Reference
ASM5P23S08A-3
Bank A
2 X Reference
Reference or Reference
2
ASM5P23S08A-3
Bank B
4 X Reference
2 X Reference
ASM5P23S08A-4
Bank A or Bank B
2 X Reference
2 X Reference
ASM5P23S08A-5H
Bank A or Bank B
Reference /2
Reference /2
Note:
1. Outputs are non- inverted on 23S08A-2 and 23S08A-3 in bypass mode, S2 = 1 and S1 = 0.
2. Output phase is indeterminant (0° or 180° from input clock). If phase integrity is required, use the ASM5P23S08A-2.
/2
MUX
Select Input
Decoding
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Extra Divider (-2, -3)
PLL
/2
/2
Extra Divider (-3, -4)
Extra Divider (-5H)
REF
S2
S1
FBK
ASM5P23S08A


Similar Part No. - ASM5P23S08AG-2-16-TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P23S08AG-2-16-TT ALSC-ASM5P23S08AG-2-16-TT Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5P23S08AG-2-16-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASMP5P23S04A PULSECORE-ASMP5P23S04A Datasheet
435Kb / 15P
   3.3V ?쁓preadTrak??Zero Delay Buffer
ASM5P23S05A PULSECORE-ASM5P23S05A Datasheet
368Kb / 18P
   3.3V ?쁓preadTrak??Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com