Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P23S08AG-2-16-TT Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM5P23S08AG-2-16-TT
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P23S08AG-2-16-TT Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM5P23S08AG-2-16-TT Datasheet HTML 1Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 2Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 3Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 4Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 5Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 6Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 7Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 8Page - PulseCore Semiconductor ASM5P23S08AG-2-16-TT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
November 2006
ASM5P23S08A
rev 1.5
3.3V ‘SpreadTrak’ Zero Delay Buffer
5 of 17
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply Voltage to Ground Potential
-0.5
+7.0
V
DC Input Voltage (Except REF)
-0.5
VDD + 0.5
V
DC Input Voltage (REF)
-0.5
7
V
Storage Temperature
-65
+150
°C
Max. Soldering Temperature (10 sec)
260
°C
Junction Temperature
150
°C
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2000
V
Note: These are stress ratings only and functional usage is not implied. Exposure to absolute maximum ratings for prolonged periods can
affect device reliability.
Operating Conditions for ASM5P23S08A Commercial Temperature Devices
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, below 100MHz
30
pF
CL
Load Capacitance, from 100MHz to 133MHz
10
pF
CIN
Input Capacitance
6
7
pF
Note:
6. Applies to both Ref Clock and FBK.


Similar Part No. - ASM5P23S08AG-2-16-TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P23S08AG-2-16-TT ALSC-ASM5P23S08AG-2-16-TT Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5P23S08AG-2-16-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASMP5P23S04A PULSECORE-ASMP5P23S04A Datasheet
435Kb / 15P
   3.3V ?쁓preadTrak??Zero Delay Buffer
ASM5P23S05A PULSECORE-ASM5P23S05A Datasheet
368Kb / 18P
   3.3V ?쁓preadTrak??Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com