Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P7100A Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # PCS3P7100A
Description  Custom Clock Generator for Display Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P7100A Datasheet(HTML) 6 Page - PulseCore Semiconductor

  PCS3P7100A_1 Datasheet HTML 1Page - PulseCore Semiconductor PCS3P7100A_1 Datasheet HTML 2Page - PulseCore Semiconductor PCS3P7100A_1 Datasheet HTML 3Page - PulseCore Semiconductor PCS3P7100A_1 Datasheet HTML 4Page - PulseCore Semiconductor PCS3P7100A_1 Datasheet HTML 5Page - PulseCore Semiconductor PCS3P7100A_1 Datasheet HTML 6Page - PulseCore Semiconductor PCS3P7100A_1 Datasheet HTML 7Page - PulseCore Semiconductor PCS3P7100A_1 Datasheet HTML 8Page - PulseCore Semiconductor PCS3P7100A_1 Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Custom Clock Generator for Display Systems
6 of 9
April 2007
PCS3P7100A
rev 0.6
Notice: The information in this document is subject to change without notice.
Deviation vs Output frequency (40MHz to 130 MHz) across temperature for VDD = 3.3V ± 0.3V
0.00%
0.50%
1.00%
1.50%
2.00%
2.50%
3.00%
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
Output ( MHz)
3.0V(85C)
3.3V(25C)
3.6V(-40C)
Note: Transition band is 30MHz to 34 MHz for VDD=2.5V ± 5%, across -40C to +85C. Deviation in this band is 1.93% ± 37%.
Transition band is 30MHz to 39 MHz for VDD=3.3V ± 0.3V, across -40C to +85C. Deviation in this band is 1.8% ± 45%.
Deviation vs Output frequency (35 MHz to 130 MHz) across temperature for VDD 2.5V ± 5%
0.00%
0.50%
1.00%
1.50%
2.00%
2.50%
3.00%
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
Output ( MHz)
2.37V(85C)
2.5V(25C)
2.7V(-40C)
Figure 4
Deviation vs Output frequency (20 MHz to 29 MHz) across temperature for VDD 3.3V ± 0.3V
0.00%
0.50%
1.00%
1.50%
2.00%
2.50%
20
21
22
23
24
25
26
27
28
29
Output ( MHz)
3.0V(85C)
3.3V(25C)
3.6V(-40C)
Figure 5


Similar Part No. - PCS3P7100A_1

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P7100AG-06JR PULSECORE-PCS3P7100AG-06JR Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
PCS3P7100AG-06JT PULSECORE-PCS3P7100AG-06JT Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
More results

Similar Description - PCS3P7100A_1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
   Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
ON Semiconductor
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
   Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com