Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P7100AG-06JR Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS3P7100AG-06JR
Description  Custom Clock Generator for Display Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P7100AG-06JR Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS3P7100AG-06JR Datasheet HTML 1Page - PulseCore Semiconductor PCS3P7100AG-06JR Datasheet HTML 2Page - PulseCore Semiconductor PCS3P7100AG-06JR Datasheet HTML 3Page - PulseCore Semiconductor PCS3P7100AG-06JR Datasheet HTML 4Page - PulseCore Semiconductor PCS3P7100AG-06JR Datasheet HTML 5Page - PulseCore Semiconductor PCS3P7100AG-06JR Datasheet HTML 6Page - PulseCore Semiconductor PCS3P7100AG-06JR Datasheet HTML 7Page - PulseCore Semiconductor PCS3P7100AG-06JR Datasheet HTML 8Page - PulseCore Semiconductor PCS3P7100AG-06JR Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Custom Clock Generator for Display Systems
4 of 9
April 2007
PCS3P7100A
rev 0.6
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics for 2.5V Supply
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
30
130
MHz
ModOUT
Output frequency
30
130
MHz
tLH*
Output rise time (measured from 0.7V to 1.7V)
2.2
nS
tHL*
Output fall time (measured from 1.7V to 0.7V)
1.2
nS
tJC
Jitter (Cycle to cycle)
±250
pS
tD
Output duty cycle
40
50
60
%
* tLH and tHL are measured into a capacitive load of 15pF
DC Electrical Characteristics for 3.3V Supply
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
VOL
Output low voltage (VDD = 3.3V, IOL = 8 mA)
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = -8 mA)
2.5
V
IDD
Static supply current*
4.5
mA
ICC
Dynamic supply current (3.3V and no load)
14
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power-up time (first locked cycle after power-up)
5
mS
CIN
Input Capacitance
5
pF
ZOUT
Output Impedance
40
* CLKIN pin is pulled low
AC Electrical Characteristics for 3.3V Supply
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
20
130
MHz
ModOUT
Output frequency
20
130
MHz
tLH*
Output rise time (measured from 0.8 to 2.0V)
1.5
nS
tHL *
Output fall time (measured at 2.0V to 0.8V)
1.1
nS
tJC
Jitter (Cycle to cycle)
±225
pS
tD
Output duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF


Similar Part No. - PCS3P7100AG-06JR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P7100AG-06JR PULSECORE-PCS3P7100AG-06JR Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
More results

Similar Description - PCS3P7100AG-06JR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
   Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
ON Semiconductor
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
   Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com