Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I961CG-32-ET Datasheet(PDF) 8 Page - PulseCore Semiconductor

Part # PCS5I961CG-32-ET
Description  Low Voltage Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I961CG-32-ET Datasheet(HTML) 8 Page - PulseCore Semiconductor

Back Button PCS5I961CG-32-ET Datasheet HTML 4Page - PulseCore Semiconductor PCS5I961CG-32-ET Datasheet HTML 5Page - PulseCore Semiconductor PCS5I961CG-32-ET Datasheet HTML 6Page - PulseCore Semiconductor PCS5I961CG-32-ET Datasheet HTML 7Page - PulseCore Semiconductor PCS5I961CG-32-ET Datasheet HTML 8Page - PulseCore Semiconductor PCS5I961CG-32-ET Datasheet HTML 9Page - PulseCore Semiconductor PCS5I961CG-32-ET Datasheet HTML 10Page - PulseCore Semiconductor PCS5I961CG-32-ET Datasheet HTML 11Page - PulseCore Semiconductor PCS5I961CG-32-ET Datasheet HTML 12Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
November 2006
PCS5I961C
rev 0.3
Low Voltage Zero Delay Buffer
8 of 14
Notice: The information in this document is subject to change without notice.
Due to the statistical nature of I/O jitter a rms value (1
σ) is
specified. I/O jitter numbers for other confidence factors
(CF) can be derived from Table 8.
Table 8: Confidence Factor CF
CF
Probability of clock edge within the
distribution
± 1σ
0.68268948
± 2σ
0.95449988
± 3σ
0.99730007
± 4σ
0.99993663
± 5σ
0.99999943
± 6σ
0.99999999
The feedback trace delay is determined by the board
layout and can be used to fine-tune the effective delay
through each device. In the following example calculation
a I/O jitter confidence factor of 99.7% (± 3 σ) is assumed,
resulting in a worst case timing uncertainty from input to
any output of -275 pS to 315 pS relative to CCLK:
tSK(PP) = [–80pS...120pS] + [–150pS...150pS] +
[(15pS* –3)...(15pS* 3)] + tPD, LINE(FB)
tSK(PP) = [–275pS...315pS] + tPD, LINE(FB)
Due to the frequency dependence of the I/O jitter, Figure
8. “Max. I/O Jitter versus frequency” can be used for a
more precise timing performance analysis.
Figure 8. Max. I/O Jitter versus frequency
Power Consumption of the PCS5I961C and Thermal
Management
The PCS5I961C AC specification is guaranteed for the
entire operating frequency range up to 200MHz. The
PCS5I961C power consumption and the associated long-
term reliability may decrease the maximum frequency
limit, depending on operating conditions such as clock
frequency, supply voltage, output loading, ambient
temperature, vertical convection and thermal conductivity
of package and board. This section describes the impact
of these parameters on the junction temperature and
gives a guideline to estimate the PCS5I961C die junction
temperature and the associated device reliability.
Table 9: Die junction temperature and MTBF
Junction temperature (°C)
MTBF (Years)
100
20.4
110
9.1
120
4.2
130
2.0
Increased power consumption will increase the die
junction temperature and impact the device reliability
(MTBF). According to the system-defined tolerable
MTBF, the die junction temperature of the PCS5I961C
needs to be controlled and the thermal impedance of the
board/package
should
be
optimized.
The
power
dissipated in the PCS5I961C is represented in equation
1. Where ICCQ is the static current consumption of the
PCS5I961C, CPD is the power dissipation capacitance
per output, (M)ΣCL represents the external capacitive
output load, N is the number of active outputs (N is
always 27 in case of the PCS5I961C). The PCS5I961C
supports driving transmission lines to maintain high signal
integrity and tight timing parameters. Any transmission
line will hide the lumped capacitive load at the end of the
board trace, therefore, ΣCL is zero for controlled
transmission line systems and can be eliminated from
equation 1. Using parallel termination output termination
results in equation 2 for power dissipation. In equation 2,
P stands for the number of outputs with a parallel or
thevenin termination, VOL, IOL, VOH and IOH are a function
of the output termination technique and DCQ is the clock
signal duty cycle. If transmission lines are used ΣCL is
zero in equation 2 and can be eliminated. In general, the
use of controlled transmission line techniques eliminates
the impact of the lumped capacitive loads at the end lines
and greatly reduces the power dissipation of the device.
Equation 3 describes the die junction temperature TJ as a
function of the power consumption.
0
50
70
90
110
130
190
Clock frequency [MHz]
2
10
12
14
16
18
F_RANGE=1
8
6
4
TA = 85°C
170
150
F_RANGE=0
VCC=3.3V
VCC=2.5V
VCC=2.5V
VCC=3.3V


Similar Part No. - PCS5I961CG-32-ET

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I961P PULSECORE-PCS5I961P Datasheet
626Kb / 14P
   Low Voltage Zero Delay Buffer
PCS5I961PG-32LR PULSECORE-PCS5I961PG-32LR Datasheet
626Kb / 14P
   Low Voltage Zero Delay Buffer
More results

Similar Description - PCS5I961CG-32-ET

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I961P ALSC-ASM5I961P Datasheet
625Kb / 14P
   Low Voltage Zero Delay Buffer
ASM5I961C ALSC-ASM5I961C Datasheet
685Kb / 15P
   Low Voltage Zero Delay Buffer
logo
Renesas Technology Corp
MPC961P RENESAS-MPC961P Datasheet
587Kb / 14P
   Low Voltage Zero Delay Buffer
October 4, 2016
logo
PulseCore Semiconductor
PCS5I961P PULSECORE-PCS5I961P Datasheet
626Kb / 14P
   Low Voltage Zero Delay Buffer
logo
Motorola, Inc
MPC961C MOTOROLA-MPC961C Datasheet
169Kb / 12P
   LOW VOLTAGE ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
   ZERO DELAY, LOW SKEW BUFFER
072710
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com