Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I961PG-32LR Datasheet(PDF) 10 Page - PulseCore Semiconductor

Part # PCS5I961PG-32LR
Description  Low Voltage Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I961PG-32LR Datasheet(HTML) 10 Page - PulseCore Semiconductor

Back Button PCS5I961PG-32LR Datasheet HTML 6Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 7Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 8Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 9Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 10Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 11Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 12Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 13Page - PulseCore Semiconductor PCS5I961PG-32LR Datasheet HTML 14Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
November 2006
PCS5I961P
rev 0.3
Low Voltage Zero Delay Buffer
10 of 14
Notice: The information in this document is subject to change without notice.
Figure 9. Maximum PCS5I961P frequency, VCC = 3.3V, MTBF
9.1 years, driving series terminated transmission lines
0
500
400
300
200
100
0
Convection Ifpm
20
100
120
140
160
190
200
Safe operation
fMAX (AC)
80
60
40
TA = 85°C
Figure 10. Maximum PCS5I961P frequency, VCC = 3.3V, MTBF
9.1 years, 4pF load per line
0
500
400
300
200
100
0
Convection Ifpm
20
100
120
140
160
190
200
Safe operation
fMAX (AC)
TA = 75°C
80
60
40
TA = 85°C
Figure 11. TCLK PCS5I961P AC test reference for VCC = 3.3V and VCC = 2.5V
Differential
Pulse Generator
Z=50
Z0=50
Z0=50
RT=50
VTT
VTT
RT=50


Similar Part No. - PCS5I961PG-32LR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I961C PULSECORE-PCS5I961C Datasheet
628Kb / 14P
   Low Voltage Zero Delay Buffer
PCS5I961CG-32-ET PULSECORE-PCS5I961CG-32-ET Datasheet
628Kb / 14P
   Low Voltage Zero Delay Buffer
PCS5I961CG-32-LT PULSECORE-PCS5I961CG-32-LT Datasheet
628Kb / 14P
   Low Voltage Zero Delay Buffer
More results

Similar Description - PCS5I961PG-32LR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I961P ALSC-ASM5I961P Datasheet
625Kb / 14P
   Low Voltage Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I961C PULSECORE-PCS5I961C Datasheet
628Kb / 14P
   Low Voltage Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I961C ALSC-ASM5I961C Datasheet
685Kb / 15P
   Low Voltage Zero Delay Buffer
logo
Renesas Technology Corp
MPC961P RENESAS-MPC961P Datasheet
587Kb / 14P
   Low Voltage Zero Delay Buffer
October 4, 2016
logo
Motorola, Inc
MPC961C MOTOROLA-MPC961C Datasheet
169Kb / 12P
   LOW VOLTAGE ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
   ZERO DELAY, LOW SKEW BUFFER
072710
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com