Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I9658G-32-LR Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # PCS5I9658G-32-LR
Description  3.3V 1:10 LVCMOS PLL Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9658G-32-LR Datasheet(HTML) 7 Page - PulseCore Semiconductor

Back Button PCS5I9658G-32-LR Datasheet HTML 3Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 9Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 10Page - PulseCore Semiconductor PCS5I9658G-32-LR Datasheet HTML 11Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
November 2006
PCS5I9658
rev 0.3
3.3V 1:10 LVCMOS PLL Clock Generator
7 of 15
Notice: The information in this document is subject to change without notice.
Applications Information
Driving Transmission Lines
The PCS5I9658 supports output clock frequencies from
50
to
250MHz.
Two
different
feedback
divider
configurations can be used to achieve the desired
frequency operation range. The feedback divider
(VCO_SEL) should be used to situate the VCO in the
frequency lock range between 200 and 500MHz
for
stable and optimal operation. Two operating frequency
ranges are supported: 50 to 125MHz and 100 to 250
MHz. Table 7 illustrates the configurations supported by
the PCS5I9658. PLL zero-delay is supported
if
BYPASS=1, PLL_EN=1 and the input frequency is within
the specified PLL reference frequency range.
Table 7: PCS5I9658 Configurations (QFB connected to FB_IN)
Frequency
BYPASS
PLL_
EN
VCO_
SEL
Operation
Ratio
Output range (fQ0-7)
VCO
0
X
X
Test mode: PLL and divider bypass
fQ0-9 =fREF
0-250MHz
n/a
1
0
0
Test mode: PLL bypass
fQ0-9 =fREF ÷ 2
0-125MHz
n/a
1
0
1
Test mode: PLL bypass
fQ0-9 =fREF ÷ 4
0-62.5MHz
n/a
1
1
0
PLL mode (high frequency range)
fQ0-9 =fREF
100 to 250MHz
fVCO =fREF. 2
1
1
1
PLL mode (low frequency range)
fQ0-9 =fREF
50 to 125MHz
fVCO =fREF. 4
Power Supply Filtering
The PCS5I9658 is a mixed analog/digital product. Its
analog circuitry is naturally susceptible to random noise,
especially if this noise is seen on the power supply pins.
Random noise on the VCCA_PLL power supply impacts the
device characteristics, for instance I/O jitter. The
PCS5I9658 provides separate power supplies for the
output buffers (VCC) and the phase-locked loop (VCCA_PLL)
of the device. The purpose of this design technique is to
isolate the high switching noise digital outputs from the
relatively sensitive internal analog phase-locked loop. In a
digital system environment where it is more difficult to
minimize noise on the power supplies a second level of
isolation may be required. The simple but effective form
of isolation is a power supply filter on the VCC_PLL pin for
the PCS5I9658. Figure 3. illustrates a typical power
supply filter scheme. The PCS5I9658 frequency and
phase stability is most susceptible to noise with spectral
content in the 100KHz to 20MHz range. Therefore the
filter should be designed to target this range. The key
parameter that needs to be met in the final filter design is
the DC voltage drop across the series filter resistor RF.
From the data sheet the ICC_PLL current (the current
sourced through the VCC_PLL pin) is typically 12mA
(20 mA maximum), assuming that a minimum of 2.835V
must be maintained on the VCC_PLL pin.
The minimum values for RF and the filter capacitor CF are
defined by the required filter characteristics: the RC filter
should provide attenuation greater than 40 dB for
noise whose spectral content is above 100KHz. In the
example RC filter shown in Figure 3.“VCC_PLL Power
Supply Filter”, the filter cut-off frequency is around
3-5KHz and the noise attenuation at 100KHz is better
than 42dB.
As the noise frequency crosses the series resonant point
of an individual capacitor its overall impedance begins to
look inductive and thus increases with increasing
frequency. The parallel capacitor combination shown
ensures that a low impedance path to ground exists for
frequencies well above the bandwidth of the PLL.
Although the PCS5I9658 has several design features to
minimize the susceptibility to power supply noise
(isolated power and grounds and fully differential PLL)
there still may be applications in which overall
performance is being degraded due to system power
supply noise. The power supply filter schemes discussed
Figure 3. VCC_PLL Power Supply Filter
PCS5I9658
VCC_PLL
10 nF
CF
33…100 nF
VCC
RF = 5-15Ω
CF = 22
µF
VCC
RF


Similar Part No. - PCS5I9658G-32-LR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9653AG-32-ER PULSECORE-PCS5I9653AG-32-ER Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9653AG-32-LR PULSECORE-PCS5I9653AG-32-LR Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
More results

Similar Description - PCS5I9658G-32-LR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
   3.3V 1:10 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
   3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com