Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I9774 Datasheet(PDF) 8 Page - PulseCore Semiconductor

Part # PCS5I9774
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9774 Datasheet(HTML) 8 Page - PulseCore Semiconductor

Back Button PCS5I9774 Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9774 Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9774 Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9774 Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9774 Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9774 Datasheet HTML 9Page - PulseCore Semiconductor PCS5I9774 Datasheet HTML 10Page - PulseCore Semiconductor PCS5I9774 Datasheet HTML 11Page - PulseCore Semiconductor PCS5I9774 Datasheet HTML 12Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
September 2006
PCS5I9774
rev 0.4
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
8 of 12
Notice: The information in this document is subject to change without notice.
AC Electrical Specifications (VDD = 3.3V ± 5%, T
A = -40°C to +85°C)
1
Parameter
Description
Condition
Min
Typ
Max
Unit
fVCO
VCO Frequency
200
500
MHz
÷8 Feedback
25
62.5
÷12 Feedback
16.6
41.6
÷16 Feedback
12.5
31.25
÷24 Feedback
8.3
20.8
÷32 Feedback
6.25
15.625
÷48 Feedback
4.2
10.4
fin
Input Frequency
Bypass mode
(PLL_EN = 0)
0
200
MHz
frefDC
Input Duty Cycle
25
75
%
tr, tf
TCLK Input Rise/FallTime
0.8V to 2.0V
1.0
nS
÷4 Output
50
125
÷8 Output
25
62.5
÷12 Output
16.6
41.6
÷16 Output
12.5
31.25
fMAX
Maximum Output Frequency
÷24 Output
8.3
20.8
MHz
DC
Output Duty Cycle
45
55
%
tr, tf
Output Rise/Fall times
0.8V to 2.4V
0.1
1.0
nS
t(φ)
Propagation Delay
(static phase offset)
TCLK to FB_IN, same
VDD, does not include jitter
-100
100
pS
tsk(O)
Output-to-Output Skew
Skew within Bank
150
pS
Banks at same voltage,
same frequency
150
Banks at same voltage,
different frequency
225
tsk(B)
Bank-to-Bank Skew
Banks at different voltage
250
pS
tPLZ, HZ
Output Disable Time
10
nS
tPZL, ZH
Output Enable Time
10
nS
BW
PLL Closed Loop Bandwidth
(–3dB)
0.5 - 1.0
MHz
Same frequency
150
tJIT(CC)
Cycle-to-Cycle Jitter
Multiple frequencies
300
pS
tJIT(PER)
Period Jitter
100
pS
tJIT(φ)
I/O Phase Jitter
I/O at same VDD
150
pS
tLOCK
Maximum PLL Lock Time
1
mS
Note: 1. AC characteristics apply for parallel output termination of 50Ω to VTT. Outputs are at same supply voltage unless otherwise stated. Parameters are
guaranteed by characterization and are not 100% tested.


Similar Part No. - PCS5I9774

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9772G-52-ER PULSECORE-PCS5I9772G-52-ER Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9772G-52-ET PULSECORE-PCS5I9772G-52-ET Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9773G-52-ER PULSECORE-PCS5I9773G-52-ER Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - PCS5I9774

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com