Electronic Components Datasheet Search |
|
22782AF-08ST Datasheet(PDF) 5 Page - PulseCore Semiconductor |
|
22782AF-08ST Datasheet(HTML) 5 Page - PulseCore Semiconductor |
5 / 11 page October 2006 P2781/82/84 rev 1.6 General Purpose EMI Reduction IC 5 of 11 Notice: The information in this document is subject to change without notice. Absolute Maximum Ratings Symbol Parameter Rating Unit VDD, VIN Voltage on any pin with respect to Ground -0.5 to +4.6 V TSTG Storage temperature -65 to +125 °C TA Operating temperature -40 to +85 °C Ts Max. Soldering Temperature (10 sec) 260 °C TJ Junction Temperature 150 °C TDV Static Discharge Voltage (As per JEDEC STD22- A114-B) 2 KV Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability. DC Electrical Characteristics (Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated) Symbol Parameter Min Typ Max Unit VIL Input low voltage VSS – 0.3 - 0.8 V VIH Input high voltage 2.0 - VDD +0.3 V IIL Input low current (internal input pull-up resistor on FS0 and FS1) - 60 - µA IIH Input high current (internal input pull-up resistor on FS0 and FS1) - 60 - µA IXOL XOUT output low current - 10 - mA IXOH XOUT output high current - 10 - mA VOL Output low voltage (VDD = 3.3V, IOL = 20mA) - - 0.4 V VOH Output high voltage (VDD = 3.3V, IOH = 20mA) 2.5 - - V IDD Static supply current - 3 - mA ICC Typical dynamic supply current (25pF scope probe loading) 5.2 at 3MHz - 21.2 at 82MHz mA VDD Operating voltage 3.0 3.3 3.6 V |
Similar Part No. - 22782AF-08ST |
|
Similar Description - 22782AF-08ST |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |