Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I23Z09BG-16-TT Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS5I23Z09BG-16-TT
Description  Timing-Safe??Peak EMI reduction IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I23Z09BG-16-TT Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS5I23Z09BG-16-TT Datasheet HTML 1Page - PulseCore Semiconductor PCS5I23Z09BG-16-TT Datasheet HTML 2Page - PulseCore Semiconductor PCS5I23Z09BG-16-TT Datasheet HTML 3Page - PulseCore Semiconductor PCS5I23Z09BG-16-TT Datasheet HTML 4Page - PulseCore Semiconductor PCS5I23Z09BG-16-TT Datasheet HTML 5Page - PulseCore Semiconductor PCS5I23Z09BG-16-TT Datasheet HTML 6Page - PulseCore Semiconductor PCS5I23Z09BG-16-TT Datasheet HTML 7Page - PulseCore Semiconductor PCS5I23Z09BG-16-TT Datasheet HTML 8Page - PulseCore Semiconductor PCS5I23Z09BG-16-TT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
May 2007
PCS5P23Z05B/09B
rev 0.2
Timing-Safe™ Peak EMI Reduction IC
4 of 14
Notice: The information in this document is subject to change without notice.
Spread Spectrum Control and Input-Output Skew Table
(Note: The values given in the table are for an input frequency of 32MHz)
Device
Deviation
Input-Output Skew(±TSKEW)
PCS5P23Z05B
±0.25 %
0.125
PCS5P23Z09B
±0.25 %
0.125
Note: TSKEW is measured in units of the Clock Period
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Operating Conditions for PCS5P23Z05B and PCS5P23Z09B Devices
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
-40
+85
°C
CL
Load Capacitance
30
pF
CIN
Input Capacitance
7
pF
Electrical Characteristics for PCS5P23Z05B and PCS5P23Z09B
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VIL
Input LOW Voltage
1
0.8
V
VIH
Input HIGH Voltage
1
2.0
V
IIL
Input LOW Current
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
Output LOW Voltage
2
IOL = 8mA
0.4
V
VOH
Output HIGH Voltage
2
IOH = -8mA
2.4
V
IDD
Supply Current
Unloaded outputs
15
mA
Zo
Output Impedance
23
Note: 1. CLKIN input has a threshold voltage of VDD/2
2. Parameter is guaranteed by design and characterization. Not 100% tested in production


Similar Part No. - PCS5I23Z09BG-16-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9350G-32-ET PULSECORE-PCS5I9350G-32-ET Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9350G-32-LT PULSECORE-PCS5I9350G-32-LT Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9351 PULSECORE-PCS5I9351 Datasheet
512Kb / 13P
   2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
PCS5I9351G-32-ET PULSECORE-PCS5I9351G-32-ET Datasheet
512Kb / 13P
   2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
More results

Similar Description - PCS5I23Z09BG-16-TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com