Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22781AG-08TR Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # 22781AG-08TR
Description  General Purpose EMI Reduction IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

22781AG-08TR Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button 22781AG-08TR Datasheet HTML 2Page - PulseCore Semiconductor 22781AG-08TR Datasheet HTML 3Page - PulseCore Semiconductor 22781AG-08TR Datasheet HTML 4Page - PulseCore Semiconductor 22781AG-08TR Datasheet HTML 5Page - PulseCore Semiconductor 22781AG-08TR Datasheet HTML 6Page - PulseCore Semiconductor 22781AG-08TR Datasheet HTML 7Page - PulseCore Semiconductor 22781AG-08TR Datasheet HTML 8Page - PulseCore Semiconductor 22781AG-08TR Datasheet HTML 9Page - PulseCore Semiconductor 22781AG-08TR Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
October 2006
P2781/82/84
rev 1.6
General Purpose EMI Reduction IC
6 of 11
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency: P278xA
3
-
78
P2781A
3
-
78
P2782A
6
-
156
fOUT
Output frequency:
P2784A
12
-
312
MHz
tLH
P278xA
Output rise time (measured at 0.8 V to 2.0 V,
25pF scope probe loading)
-
1
-
nS
tHL
P278xA
Output fall time (measured at 2.0 V to 0.8 V,
25 pF scope probe loading)
-
1
-
nS
tJC
P2781A
Jitter (cycle to cycle, ± 6sigma, 1000 sweeps,
± 0.5% spread, I/O frequency = 16MHz)
-
±250
-
pS
tD
P2781A
Output duty cycle deviation (error from 50%
duty cycle, 25pF scope probe loading)
±1 @ 3MHz
-
±2 @ 82MHz
%
∆F
P278xA
Frequency deviation tolerance from BW%
stated in the Loop Filter Selection Table
-20
0
+20
%


Similar Part No. - 22781AG-08TR

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2278144 PHOENIX-2278144 Datasheet
57Kb / 2P
   Optional with bus connector for DIN rail mounting as well as power connection system
More results

Similar Description - 22781AG-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
   General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
P2681A ALSC-P2681A Datasheet
471Kb / 10P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2027A ALSC-P2027A Datasheet
549Kb / 9P
   General Purpose EMI Reduction IC
P2008A ALSC-P2008A Datasheet
172Kb / 9P
   General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
   General Purpose EMI Reduction IC
logo
Alliance Semiconductor ...
P2781 ALSC-P2781 Datasheet
169Kb / 11P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com