Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC44L01DB Datasheet(PDF) 9 Page - Texas Instruments

Part # TPIC44L01DB
Description  4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44L01DB Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC44L01DB Datasheet HTML 5Page - Texas Instruments TPIC44L01DB Datasheet HTML 6Page - Texas Instruments TPIC44L01DB Datasheet HTML 7Page - Texas Instruments TPIC44L01DB Datasheet HTML 8Page - Texas Instruments TPIC44L01DB Datasheet HTML 9Page - Texas Instruments TPIC44L01DB Datasheet HTML 10Page - Texas Instruments TPIC44L01DB Datasheet HTML 11Page - Texas Instruments TPIC44L01DB Datasheet HTML 12Page - Texas Instruments TPIC44L01DB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TPIC44L01, TPIC44L02, TPIC44L03
4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
SLIS062A NOVEMBER 1996 – REVISED SEPTEMBER 1997
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
serial data operation
The TPIC44L01, TPIC44L02, and TPIC44L03 offer serial input interface to the microcontroller to transfer control
data to the predriver and fault data back to the controller. The serial input interface consists of:
SCLK – Serial clock
CS
– Chip select
SDI – Serial data input
SDO – Serial data output
Serial data is shifted into the least significant bit (LSB) of the SDI shift register on the rising edge of the first SCLK
after CS has transitioned from 1 to 0. Four clock cycles are required to shift the first bit from the LSB to the most
significant bit (MSB) of the shift register. Four clock cycles must occur before CS transitions high for proper
control of the outputs. Less than four clock cycles result in fault data being latched into the output control buffer.
Eight bits of data can be shifted into the device, but the first 4 bits shifted out are always the fault data and the
last 4 bits shifted in are always the output control data. A low-to-high transition on CS latches the contents of
the serial shift register into the output control register. A logic 0 input to SDI turns the corresponding parallel
output off and a logic 1 input turns the output on (see Figure 12).
GATE3 ON
GATE2 ON
GATE1 OFF
GATE0 OFF
12
3
4
Present Output Data
New Data
3-State
FLT3
FLT2
FLT1
FLT0
IN3
3-State
SCLK
CS
SDI
New Data
Output Control
Register Data
SDO
(a) 4-Bit Serial Word Example
Figure 12


Similar Part No. - TPIC44L01DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC44L01DB TI-TPIC44L01DB Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBG4 TI-TPIC44L01DBG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBR TI-TPIC44L01DBR Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
More results

Similar Description - TPIC44L01DB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44H01 TI1-TPIC44H01_15 Datasheet
982Kb / 32P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC46L01 TI-TPIC46L01 Datasheet
255Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
   Low side driver (8 channel, parallel interface)
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
   4 channel low-side driver
Rev. 1.2, May 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com