Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42784AF-08TT Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # 42784AF-08TT
Description  General Purpose EMI Reduction IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

42784AF-08TT Datasheet(HTML) 2 Page - PulseCore Semiconductor

  42784AF-08TT Datasheet HTML 1Page - PulseCore Semiconductor 42784AF-08TT Datasheet HTML 2Page - PulseCore Semiconductor 42784AF-08TT Datasheet HTML 3Page - PulseCore Semiconductor 42784AF-08TT Datasheet HTML 4Page - PulseCore Semiconductor 42784AF-08TT Datasheet HTML 5Page - PulseCore Semiconductor 42784AF-08TT Datasheet HTML 6Page - PulseCore Semiconductor 42784AF-08TT Datasheet HTML 7Page - PulseCore Semiconductor 42784AF-08TT Datasheet HTML 8Page - PulseCore Semiconductor 42784AF-08TT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
October 2006
P2781/82/84
rev 1.6
General Purpose EMI Reduction IC
2 of 11
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description (P278xA)
Pin#
Pin Name
Type
Description
1
XIN/CLKIN
I
Connect to crystal or clock input. This pin has dual functions. It can be connected
either to an external crystal or an external reference clock.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left
unconnected.
3
FS1
I
Digital logic input used to select input frequency range
(see the Input Frequency Selection Table). This pin has an internal pull-up
resistor.
4
LF
I
External Loop Filter for the PLL. By changing the value of the CRC circuit, the
percentage spread can be adjusted accordingly. See the Loop Filter Selection
Table for detail value.
5
VSS
I
Ground Connection. Connect to system ground.
6
ModOUT
O
Spread Spectrum Clock Output.
7
FS0
I
Digital logic input used to select input frequency range
(see the Input Frequency Selection Table). This pin has an internal pull-up
resistor.
8
VDD
P
Connect to +3.3 V
Input Frequency Selection Table
Output Frequency Scaling (MHz)
FS1
FS0
Input (MHz)
P2781A
P2782A
P2784A
Modulation Rate (KHz)
0
0
3 to 9
3 to 9
6 to 18
12 to 36
Fin / 128
0
1
10 to 19
10 to 19
20 to 38
40 to 76
Fin / 256
1
0
20 to 38
20 to 38
40 to 76
80 to 152
Fin / 512
1
1
39 to 78
39 to 78
78 to 156
156 to 312
Fin / 1024
Standard pin Configuration offered in both
8 pin SOIC and TSSOP Packages
FS1
LF
FS0
VDD
VSS
1
2
3
4
5
6
7
8
P278xA
XIN / CLKIN
ModOUT
XOUT


Similar Part No. - 42784AF-08TT

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
4278453509 FAIR-RITE-4278453509 Datasheet
1Mb / 3P
   Rods
More results

Similar Description - 42784AF-08TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
   General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
P2681A ALSC-P2681A Datasheet
471Kb / 10P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2027A ALSC-P2027A Datasheet
549Kb / 9P
   General Purpose EMI Reduction IC
P2008A ALSC-P2008A Datasheet
172Kb / 9P
   General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
   General Purpose EMI Reduction IC
logo
Alliance Semiconductor ...
P2781 ALSC-P2781 Datasheet
169Kb / 11P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com