Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

603JR010 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 603JR010
Description  Two Terminal Metal Element Current Sense
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

603JR010 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  603JR010 Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
P ar tial l isting of a v ailable v alues
(Contact Ohmite for others)
Dimensions
Lead
Part Number
Watts
Ohms
Tolerance
A (ref.) B (max.)
C (±0.010) Ga.
600HR050E
0.1
0.05
3%
2.440
0.155
0.655
24
600HR033E
0.1
0.033
3%
2.440
0.155
0.655
24
600HR036E
0.1
0.036
3%
2.440
0.155
0.655
24
601HR027E
0.125
0.027
3%
2.440
0.155
0.655
24
601HR030E
0.125
0.03
3%
2.440
0.155
0.655
24
601HR025E
0.125
0.025
3%
2.440
0.155
0.655
24
602HR050E
0.2
0.05
3%
3.530
0.250
0.559
22
603HR005E
0.25
0.005
3%
2.440
0.155
0.655
24
603HR010E
0.25
0.01
3%
2.440
0.155
0.655
24
603HR015E
0.25
0.015
3%
2.440
0.155
0.655
24
603HR050E
0.25
0.05
3%
3.685
0.330
1.310
20
604HR010E
0.375
0.01
3%
3.530
0.250
0.559
22
604HR020E
0.375
0.02
3%
3.530
0.250
0.559
22
604HR025E
0.375
0.025
3%
3.530
0.250
0.559
22
604HR100E
0.375
0.01
3%
3.587
0.65
1.125
20
605HR010E
0.5
0.01
3%
3.685
0.355
1.310
20
605HR020E
0.5
0.02
3%
3.685
0.330
1.310
20
605HR030E
0.5
0.03
3%
3.685
0.330
1.310
20
605HR100E
0.5
0.1
3%
3.981
0.750
1.675
18
607HR050E
0.75
0.05
3%
3.587
0.630
1.106
20
607HR005E
0.75
0.005
3%
3.674
0.320
1.310
20
610HR005E
1
0.005
3%
3.587
0.650
1.125
20
610HR010E
1
0.01
3%
3.587
0.630
1.106
20
610HR020E
1
0.02
3%
3.587
0.630
1.106
20
610HR030E
1
0.03
3%
3.587
0.650
1.106
20
610HR050E
1
0.05
3%
3.981
0.750
1.675
18
615HR010E
1.5
0.01
3%
3.981
0.750
1.675
18
615HR020E
1.5
0.02
3%
3.981
0.750
1.675
18
615HR030E
1.5
0.03
3%
3.981
0.750
1.675
18
620HR005E
2
0.005
3%
3.981
0.750
1.675
18
630HR010E
3
0.01
3%
4.125
0.781
1.68*
18
630HR015E
3
0.015
3%
4.125
1.11
2
18
630HR025E
3
0.025
3%
4.125
1.279
2.125
18
630HR050E
3
0.05
3%
4.125
1.664
2.375
18
*Reference dimensions; contact Ohmite for details
60 Series
Two Terminal Metal Element
Current Sense
A
C
B
These non-inductive, 3-piece
welded element resistors offer
a reliable low-cost alternative
to conventional current sense
products. With resistance
values as low as 0.005
Ω, and
wattages from 0.1w to 3w, the
60 Series offers a wide variety
of design choices.
F E A T u r E S
• Low inductance
• Low cost
• Wirewound performance
• Flameproof
Special Leadform
Units Available
0.6"
1" max.
or D ering infor M a tion
0
10
20
30
40
50
600
500
400
300
200
100
0
3w
.1-2w
Resistance (m
Ω)
Temp. Coefficient of Resistance
t C r as a fun C tion of resist an C e
S P E C i F i C A T i O N S
Material
Resistor: Nichrome resistive ele-
ment
Terminals: Copper clad steel
or copper depending on style.
RoHS solder composition is 96%
Sn, 3.5% Ag, 0.5% Cu
Derating
Linearly from
100% @ +25°C to 0% @
+275°C.
Electrical
Tolerance: ±3% standard, others
available.
Power rating: Based on 25°C
ambient.
Overload: 5x rated power for 5
seconds.
Inductance: <10nh
To calculate max amps: use the
formula
√P/R.
00 = 1/10
01 = 1/8
02 = 1/5
03 = 1/4
04 = 3/8
05 = 1/2
��������
Series
Wattage
07 = 3/4
10 = 1.0
15 = 1.5
20 = 2.0
30 = 3.0
Tolerance
F= 1%
H= 3%
J= 5%
Ohms
R005 = .005
R010 = .01
R020 = .02
R050 = .05
R100 = 0.10
E = RoHS compliant
Our friendly Customer
Service team can be
reached at 866-9-OHMiTE
Check product availability at
www.ohmite.com


Similar Part No. - 603JR010

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
603 MARL-603 Datasheet
464Kb / 4P
   횠5.0mm mounting Robust bright nickel plated brass housing
logo
Willow Technologies Ltd
603 WILLOW-603 Datasheet
518Kb / 3P
   2A and 5A/50Vdc and 5A/250 Vdc DC Solid-State Relays
logo
3M Electronics
603 3M-603 Datasheet
126Kb / 2P
   Filter Adapter 603
logo
Advanced Energy Industr...
603 ADVANCEDENERGY-603 Datasheet
280Kb / 4P
   TREK 603
logo
List of Unclassifed Man...
603-1 ETC2-603-1 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
More results

Similar Description - 603JR010

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
60SERIES OHMITE-60SERIES Datasheet
273Kb / 1P
   Two Terminal Metal Element Current Sense
MCS OHMITE-MCS Datasheet
491Kb / 2P
   Metal Element Current Sense
10SERIES OHMITE-10SERIES Datasheet
427Kb / 2P
   Axial Wire Element Current Sense Two Terminal Axial
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
logo
List of Unclassifed Man...
OAR3R015FLF ETC2-OAR3R015FLF Datasheet
570Kb / 4P
   Open Air Resistor Metal Element Current Sense
logo
Ohmite Mfg. Co.
CS3FR050E OHMITE-CS3FR050E Datasheet
99Kb / 1P
   Wire Element Four Terminal Precision Current Sense
CS3 OHMITE-CS3 Datasheet
328Kb / 2P
   Wire Element Four Terminal Precision Current Sense
logo
TT Electronics.
OAR3R025FLF TTELEC-OAR3R025FLF Datasheet
635Kb / 4P
   Open Air Resistor Metal Element Current Sense OAR
logo
Ohmite Mfg. Co.
MCS1632R010FER OHMITE-MCS1632R010FER Datasheet
196Kb / 1P
   Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
MCS OHMITE-MCS_18 Datasheet
542Kb / 2P
   Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com