Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD25-CADR21 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PD25-CADR21
Description  Single Digit 7 Segment 1.2??LED Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PD25-CADR21 Datasheet(HTML) 1 Page - P-tec Corporation

  PD25-CADR21 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
35.2
9.0
40.8
0.5
17.6
30.5
3.0
DP
+1
+5
+6
+10
10.0°
Ø3.5
28.8
2.54x4=10.16
3.5Min.
PD25 Single Digit 7 Segment 1.2” LED Display
Features
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Dominant
Wave
Length
Peak
Wave
Length
Forward Voltage
@20mA (V)
Segment
DP
Luminous
Intensity
@10mA (mcd)
Common Anode
Common Cathode
nm
Typ
Max
Min
Typ
PD25-CADR21
PD25-CCDR21
Deep Red
AlGaAs
643
60
1.8
2.2
9.0
17.0
nm
Typ Max
3.6
4.4
*Single Digit 1.2” (30.5mm) Super Bright Red
Display with 10 Pins
*Low Current Requirements
*High Light Output
*IC Compatible
*High Reliability
*Gray Face White Segments
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100 µA)…………………………..………………….…………..… 4.0V
Max Forward Current………..………………………………………….…….…….. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)………………...………...... 100mA
Operating Temperature Range ………………………...………………..... -25°C to +85°C
Storage Temperature Range………………………....………………..… -40°C to +100°C
Soldering Temperature (1.6mm below body)………………………………...…. 260°C for 5 seconds
Power Dissipation (Segment / DP)…………………………………….…….. 132 / 66mW
All Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. The Slope Angle of any Pin maybe +/ - .5° max.
Pin Function
Com Anode
Pin
#
Com Cathode
Pin
#
1 Common Anode
2 Cathode E
3 Cathode D
4 Cathode C
5 Cathode DP
6 Cathode B
7 Cathode A
8 Common Anode
9 Cathode F
10 Cathode G
1 Common Cathode
2 Anode E
3 Anode D
4 Anode C
5 Anode DP
6 Anode B
7 Anode A
8 Common Cathode
9 Anode F
10 Anode G
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
02-22-07 Rev 0 RS


Similar Part No. - PD25-CADR21

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD25-CADR21 P-TEC-PD25-CADR21 Datasheet
23Kb / 1P
   PD25 Single Digit 7 Segment 1.2??LED Display
PD25-CADR21_0709 P-TEC-PD25-CADR21_0709 Datasheet
23Kb / 1P
   PD25 Single Digit 7 Segment 1.2??LED Display
More results

Similar Description - PD25-CADR21

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD25-CADO12 P-TEC-PD25-CADO12 Datasheet
23Kb / 1P
   Single Digit 7 Segment 1.2??LED Display
PD25-CADY01 P-TEC-PD25-CADY01 Datasheet
23Kb / 1P
   Single Digit 7 Segment 1.2??LED Display
PD25-CADG13 P-TEC-PD25-CADG13 Datasheet
23Kb / 1P
   Single Digit 7 Segment 1.2??LED Display
PD25-CADR21_0709 P-TEC-PD25-CADR21_0709 Datasheet
23Kb / 1P
   PD25 Single Digit 7 Segment 1.2??LED Display
logo
Visual Communications C...
DSM7UA56101 VCC-DSM7UA56101 Datasheet
955Kb / 7P
   Single Digit 7-Segment LED Display
DSM7UA70105 VCC-DSM7UA70105 Datasheet
1Mb / 7P
   Single Digit 7-Segment LED Display
DSM7UA20101 VCC-DSM7UA20101 Datasheet
948Kb / 7P
   Single Digit 7-Segment LED Display
DSM7UA30105 VCC-DSM7UA30105 Datasheet
479Kb / 7P
   Single Digit 7-Segment LED Display
DSM7UA56105 VCC-DSM7UA56105 Datasheet
1Mb / 7P
   Single Digit 7-Segment LED Display
DSM7UA30101 VCC-DSM7UA30101 Datasheet
957Kb / 7P
   Single Digit 7-Segment LED Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com