Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX17LT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BCX17LT1
Description  General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCX17LT1 Datasheet(HTML) 1 Page - Motorola, Inc

  BCX17LT1 Datasheet HTML 1Page - Motorola, Inc BCX17LT1 Datasheet HTML 2Page - Motorola, Inc BCX17LT1 Datasheet HTML 3Page - Motorola, Inc BCX17LT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
General Purpose
Transistors
MAXIMUM RATINGS
Value
Rating
Symbol
BCX17LT1
BCX19LT1
BCX18LT1
BCX20LT1
Unit
Collector–Emitter Voltage
VCEO
45
25
Vdc
Collector–Base Voltage
VCBO
50
30
Vdc
Emitter–Base Voltage
VEBO
5.0
Vdc
Collector Current — Continuous
IC
500
mAdc
DEVICE MARKING
BCX17LT1 = T1; BCX18LT1 = T2; BCX19LT1 = U1; BCX20LT1 = U2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board (1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
R
θJA
556
°C/W
Total Device Dissipation
Alumina Substrate, (2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina
Thermal Clad is a trademark of the Bergquist Company
Order this document
by BCX17LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PNP
BCX17LT1
BCX18LT1
NPN
BCX19LT1
BCX20LT1
1
2
3
CASE 318 – 08, STYLE 6
SOT– 23 (TO – 236AB)
Voltage and current are negative
for PNP transistors
© Motorola, Inc. 1996
COLLECTOR 3
1
BASE
2 EMITTER
COLLECTOR 3
1
BASE
2 EMITTER


Similar Part No. - BCX17LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BCX17LT1 LRC-BCX17LT1 Datasheet
51Kb / 2P
   General Purpose Transistors
logo
ON Semiconductor
BCX17LT1 ONSEMI-BCX17LT1 Datasheet
64Kb / 4P
   General Purpose Transistors (Voltage and Current are Negative for PNP Transistors)
December, 2004 ??Rev. 3
BCX17LT1G ONSEMI-BCX17LT1G Datasheet
64Kb / 4P
   General Purpose Transistors (Voltage and Current are Negative for PNP Transistors)
December, 2004 ??Rev. 3
BCX17LT1G ONSEMI-BCX17LT1G Datasheet
105Kb / 4P
   General Purpose Transistors
November, 2016 ??Rev. 9
More results

Similar Description - BCX17LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com