Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPS17E Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HPS17E
Description  PIEZO SOUND GENERATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HPS17E Datasheet(HTML) 1 Page - JL World Company Limited.

  HPS17E Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Weight
(g)
1.4
Operating
Temperature
(°C)
-20~+70
Operating
Voltage
(Vp-p)
1~25
Specification (alldatatakenat25°Cunlessotherwisespecified)
H
Value ApplyingRatedVoltage,RatedFrequency,50%DutySquareWave
www.jlworld.com
Unit:mm
Tolerance:±0.3mm
Dimension
H
SoundOutput
at10cm
(dB)
80
³
Rated
Voltage
(Vp-p)
5
H
Rated
Current
(mA)
1.5
£
H
Rated
Frequency
(Hz)
4000
500
±
Storage
Temperature
(°C)
-30~+80
Capacitance
(nF)
10±30%
FrequencyResponse
AppliedVoltage:5Vp-p,50%Duty
SquareWave
MeasuringDistance:10cm
60
70
80
90
500
1K
2K
3K
5K
10K
20K
Hz
dB
HPS17E
PIEZOSOUNDGENERATORS
17.5
5.0
3.0
2.2
10.3
3.6


Similar Part No. - HPS17E

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HPS17A JLWORLD-HPS17A Datasheet
1Mb / 1P
   Value Applying Rated Voltage
HPS17D JLWORLD-HPS17D Datasheet
707Kb / 1P
   Value Applying Rated Voltage
More results

Similar Description - HPS17E

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HPM14AX JLWORLD-HPM14AX Datasheet
70Kb / 1P
   PIEZO SOUND GENERATORS
HPS12C JLWORLD-HPS12C Datasheet
55Kb / 1P
   PIEZO SOUND GENERATORS
HPA17F JLWORLD-HPA17F Datasheet
64Kb / 1P
   PIEZO SOUND GENERATORS
HPA30D JLWORLD-HPA30D Datasheet
95Kb / 1P
   PIEZO SOUND GENERATORS
HPA30H JLWORLD-HPA30H Datasheet
147Kb / 1P
   PIEZO SOUND GENERATORS
HPA43EX JLWORLD-HPA43EX Datasheet
139Kb / 1P
   PIEZO SOUND GENERATORS
HPM24CX JLWORLD-HPM24CX Datasheet
63Kb / 1P
   PIEZO SOUND GENERATORS
HPA13D JLWORLD-HPA13D Datasheet
50Kb / 1P
   PIEZO SOUND GENERATORS
HPA23C JLWORLD-HPA23C Datasheet
125Kb / 1P
   PIEZO SOUND GENERATORS
HPA24AX JLWORLD-HPA24AX Datasheet
70Kb / 1P
   PIEZO SOUND GENERATORS
HPA26AX JLWORLD-HPA26AX Datasheet
57Kb / 1P
   PIEZO SOUND GENERATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com