Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD41-CCMR24 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PD41-CCMR24
Description  Three Digit 7 Segment 0.4??Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PD41-CCMR24 Datasheet(HTML) 1 Page - P-tec Corporation

  PD41-CCMR24 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PD41 Three Digit 7 Segment 0.4” Display
Features
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Chip
Material
Dominant
Wave
Length
Peak
Wave
Length
Forward
Voltage
@20mA (V)
Luminous
Intensity
@10mA (mcd)
Common Anode
Common Cathode
nm
nm
Typ
Max
Min
Typ
PD41-CAMR24
PD41-CCMR24
Red
650
700
2.1
3.0
1.0
2.0
GaP
*3 Digit .4” (10.2mm) Red Display
*Multiplex Drive with 12 Pins
*Low Current Requirements
*High Uniform Light Output
*IC Compatible
*High Reliability
*Gray Face, White Segments
*RoHS Compliant
Absolute Maximum Ratings at TA = 25° C
Reverse Voltage Per LED Chip (<100µA)………………………...……….……………… 5.0V
Max Forward Current Per LED Chip………….…………………...……………………. 30mA
Peak Froward Current (1/10 Duty Cycle, 0.1ms Pulse Width) …………..….………………...... 100mA
Operating Temperature Range ………………………………………..……… -25°C to + 85°C
Storage Temperature Range ………………………………………...…….… -40°C to +100°C
Soldering Temperature (1.6mm from seating plane) ………………………….……....… 260° for 5 seconds
Power Dissipation……………………………………………………..…….……………. 90mA
Package dimensions All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. The Slope Angle of any Pin maybe ± 5.0° max.
Common Anode
Common Cathode
1 Cathode E
2 Cathode D
3 Cathode DP
4 Cathode C
5 Cathode G
6 No Connection
7 Cathode B
8 Common Anode
Digit 3
9 Common Anode
Digit 2
10 Cathode F
11 Cathode A
12 Common Anode
Digit 1
1 Anode E
2 Anode D
3 Anode DP
4 Anode C
5 Anode G
6 No Connection
7 Anode B
8 Common Cathode
Digit 3
9 Common Cathode
Digit 2
10 Anode F
11 Anode A
12 Common Cathode
Digit 1
Function of Pin #
A
B
C
D
E
F
G
12 +
1 +
+ 6
+ 7
DP
Digit 1
Digit 2
Digit 3
2.54 x 5 =12.7
Min.
12.7
0.5
30.4
1.3
7.0
15.8
1.1
10.16
10.16
10.2
6.0
3.5
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
10-30-06 Rev 0 RS


Similar Part No. - PD41-CCMR24

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD41-CCMR18 P-TEC-PD41-CCMR18 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.4??Display
More results

Similar Description - PD41-CCMR24

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD41-CAMR18 P-TEC-PD41-CAMR18 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.4??Display
PD41-CAMG13 P-TEC-PD41-CAMG13 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.4??Display
PD41-CAMY01 P-TEC-PD41-CAMY01 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.4??Display
PD41-CAMO12 P-TEC-PD41-CAMO12 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.4??Display
PD42-CAMY01 P-TEC-PD42-CAMY01 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMG13 P-TEC-PD42-CAMG13 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMR21 P-TEC-PD42-CAMR21 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMO12 P-TEC-PD42-CAMO12 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMR24 P-TEC-PD42-CAMR24 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
logo
List of Unclassifed Man...
QBT40IB1 ETC2-QBT40IB1 Datasheet
303Kb / 5P
   0.4??Three Digit Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com