Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD46-CCMR21 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PD46-CCMR21
Description  Four Digit 7 Segment 0.56??Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PD46-CCMR21 Datasheet(HTML) 1 Page - P-tec Corporation

  PD46-CCMR21 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PD46 Four Digit 7 Segment 0.56” Display
Features
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Chip
Material
Dominant
Wave
Length
Peak
Wave
Length
Forward
Voltage
@20mA (V)
Luminous
Intensity
@10mA (mcd)
Common Anode
Common Cathode
nm
Typ
Max
Min
Typ
PD46-CAMR21
PD46-CCMR21
Deep Red
AlGaAs
643
660
1.8
2.2
7.0
13.0
nm
*4 Digit .56” (14.22mm) Super Bright Red
Display
*Multiplex Drive with 12 Pins
*Low Current Requirements
*High Light Output
*IC Compatible
*High Reliability
*Gray Face, White Segments
*RoHS Compliant
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100 µA)…………..………….…………………………………….... 4.0V
Max Forward Current…………..…………………………………………..….…….. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)……………………….…….. 100mA
Operating Temperature Range………………………………….……….… -25°C to +85°C
Storage Temperature Range………………………....…….………...…… -40°C to +100°C
Soldering Temperature (1.6mm below body)……………………………....….…… 260° for 5 seconds
Power Dissipation………………………………………………………………...…. 66mW
All Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. The Slope Angle of any Pin maybe ± 5° max.
Function of Pin #
Com Anode
Pin
#
Com Cathode
Pin
#
1 Cathode E
2 Cathode D
3 Cathode DP
4 Cathode C
5 Cathode G
6 Digit 4
Common Anode
7 Cathode B
8 Digit 3
Common Anode
9 Digit 2
Common Anode
10 Cathode F
11 Cathode A
12 Digit 1
Common Anode
1 Anode E
2 Anode D
3 Anode DP
4 Anode C
5 Anode G
6 Digit 4
Common Cathode
7 Anode B
8 Digit 3
Common Cathode
9 Digit 2
Common Cathode
10 Anode F
11 Anode A
12 Digit 1
Common Cathode
12.7
12.7
12.7
14.22
1.4
8.13
1.7
+1
+6
+12
+7
DP
A
B
C
D
E
F
G
Digit 1
Digit 2
Digit 3
Digit 4
2.54 x 5 = 12.7
3.5
50.4
19.05
8.0
15.24
0.5
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
02-21-07 Rev 0 RS


Similar Part No. - PD46-CCMR21

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD46-CCMR24 P-TEC-PD46-CCMR24 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
More results

Similar Description - PD46-CCMR21

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD46-CAMR24 P-TEC-PD46-CAMR24 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMG13 P-TEC-PD46-CAMG13 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMR12 P-TEC-PD46-CAMR12 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMY01 P-TEC-PD46-CAMY01 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
logo
LightKey Optoelectronic...
LD5643AB LIGHTKEY-LD5643AB Datasheet
178Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5644AB LIGHTKEY-LD5644AB Datasheet
168Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5641AB LIGHTKEY-LD5641AB Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5641CD LIGHTKEY-LD5641CD Datasheet
228Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5645AB LIGHTKEY-LD5645AB Datasheet
161Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
logo
P-tec Corporation
PD16-CADR21 P-TEC-PD16-CADR21 Datasheet
23Kb / 1P
   Single Digit 7 Segment 0.56??Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com