Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDT28SM-CADG17 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PDT28SM-CADG17
Description  Single Digit 7 Segment 0.28??SMD Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PDT28SM-CADG17 Datasheet(HTML) 1 Page - P-tec Corporation

  PDT28SM-CADG17 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100 µA)……………………………...……………………….….…. 5.0V
Max Forward Current……………………………………………….………..…...… 25mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)…………………………...... 100mA
Operating Temperature Range……………………...………………........ -40°C to +105°C
Storage Temperature Range……………………..………….…………… -40°C to +105°C
Soldering Temperature (1.6mm below body)…………………….…..… 260°C for 10 seconds
Power Dissipation per Segment………………………………………………….…. 65mW
PDT28SM Series Single Digit 7 Segment 0.28” SMD Display
Features
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Dominant
Wave
Length
Peak
Wave
Length
Forward
Voltage
@20mA (V)
Luminous
Intensity
@10mA (mcd)
Common Anode
Common Cathode
nm
Typ
Max
Min
Typ
PDT28SM-CADG17
PDT28SM-CCDG17
Yellow-Green
AlInGaP
571
573
2.0
2.6
4.0
9.0
nm
*Surface Mount Devise .28” (7.0mm)
Digit Height
*AlInGaP Ultra Bright Green Chips used
*Low Current Requirements
*Uniform Light Output
*IC Compatible
*High Reliability
*Gray Face, White Segments
*Tape & Reel 1k pcs
*RoHS Compliant
All Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
02-20-07 Rev 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
Pin Function
Common Anode
Pin
#
Common Cathode
Pin
#
1 Cathode G
2 Cathode DP 1
3 Cathode F
4 Com Anode
5 Cathode A
6 Cathode B
7 Cathode DP 2
8 Cathode C
9 Com Anode
10 Cathode D
11 Cathode E
1 Anode G
2 Anode DP 1
3 Anode F
4 Com Cathode
5 Anode A
6 Anode B
7 Anode DP 2
8 Anode C
9 Com Cathode
10 Anode D
11 Anode E


Similar Part No. - PDT28SM-CADG17

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PDT28SM-CADB17 P-TEC-PDT28SM-CADB17 Datasheet
46Kb / 1P
   Single Digit 7 Segment 0.28??SMD Display
PDT28SM-CADR09 P-TEC-PDT28SM-CADR09 Datasheet
46Kb / 1P
   Single Digit 7 Segment 0.28??SMD Display
More results

Similar Description - PDT28SM-CADG17

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PDT28SM-CADB17 P-TEC-PDT28SM-CADB17 Datasheet
46Kb / 1P
   Single Digit 7 Segment 0.28??SMD Display
PDT28SM-CADR09 P-TEC-PDT28SM-CADR09 Datasheet
46Kb / 1P
   Single Digit 7 Segment 0.28??SMD Display
PDT282SM-CAMB17 P-TEC-PDT282SM-CAMB17 Datasheet
25Kb / 1P
   Dual Digit 7 Segment 0.28??SMD Display
PDT282SM-CAMG17 P-TEC-PDT282SM-CAMG17 Datasheet
25Kb / 1P
   Dual Digit 7 Segment 0.28??SMD Display
PDT282SM-CAMR09 P-TEC-PDT282SM-CAMR09 Datasheet
25Kb / 1P
   Dual Digit 7 Segment 0.28??SMD Display
PDT51SM-CADG17 P-TEC-PDT51SM-CADG17 Datasheet
57Kb / 1P
   Single Digit 7 Segment SMD Display 0.51?
PDT39SM-CADG17 P-TEC-PDT39SM-CADG17 Datasheet
44Kb / 1P
   Single Digit 7 Segment SMD Display 0.39?
PDT39SM-CADR09 P-TEC-PDT39SM-CADR09 Datasheet
44Kb / 1P
   Single Digit 7 Segment SMD Display 0.39?
PDT51SM-CADB17 P-TEC-PDT51SM-CADB17 Datasheet
57Kb / 1P
   Single Digit 7 Segment SMD Display 0.51?
PDT51SM-CADR09 P-TEC-PDT51SM-CADR09 Datasheet
57Kb / 1P
   Single Digit 7 Segment SMD Display 0.51?
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com