Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2045 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2045
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2045 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2045 Datasheet HTML 2Page - Texas Instruments TPS2045 Datasheet HTML 3Page - Texas Instruments TPS2045 Datasheet HTML 4Page - Texas Instruments TPS2045 Datasheet HTML 5Page - Texas Instruments TPS2045 Datasheet HTML 6Page - Texas Instruments TPS2045 Datasheet HTML 7Page - Texas Instruments TPS2045 Datasheet HTML 8Page - Texas Instruments TPS2045 Datasheet HTML 9Page - Texas Instruments TPS2045 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TPS2045, TPS2055
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS182 – APRIL 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, VI(EN) = 0 V, VI(EN) = Hi (unless otherwise noted) (continued)
supply current
PARAMETER
TEST CONDITIONS
TPS2045
TPS2055
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Supply
TJ = 25°C
TPS2045
0.015
1
Su
ly
current,
No Load
VI(EN) = VI(IN)
–40
°C ≤ TJ ≤ 125°C
TPS2045
10
µA
,
low-level
tt
on OUT
VI(EN) =0V
TJ = 25°C
TPS2055
0.015
1
µA
output
VI(EN) = 0 V
–40
°C ≤ TJ ≤ 125°C
TPS2055
10
Supply
V
0V
TJ = 25°C
TPS2045
80
100
Su
ly
current,
No Load
VI(EN) = 0 V
–40
°C ≤ TJ ≤ 125°C
TPS2045
100
µA
,
high-level
tt
on OUT
VI(EN) =VI(IN)
TJ = 25°C
TPS2055
80
100
µA
output
VI(EN) = VI(IN)
–40
°C ≤ TJ ≤ 125°C
TPS2055
100
Leakage
OUT
connected
VI(EN) = VI(IN)
–40
°C ≤ TJ ≤ 125°C TPS2045
100
µA
g
current
connected
to ground
VI(EN) = 0 V
–40
°C ≤ TJ ≤ 125°C TPS2055
100
µA
Reverse
leakage
IN = high
VI(EN) = 0 V
TJ =25°C
TPS2045
0.3
µA
leakage
current
g
impedance
VI(EN) = Hi
TJ = 25°C
TPS2055
0.3
µA
undervoltage lockout
PARAMETER
TEST CONDITIONS
TPS2045
TPS2055
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Low-level input voltage
2
2.5
2
2.5
V
Hysteresis
TJ = 25°C
100
100
mV
overcurrent OC
PARAMETER
TEST CONDITIONS
TPS2045
TPS2055
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Sink current†
VO = 5 V
10
10
mA
Output low voltage
IO = 5 V,
VOL(OC)
0.5
0.5
V
Off-state current†
VO = 5 V,
VO = 3.3 V
1
1
µA
† Specified by design, not production tested.


Similar Part No. - TPS2045

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2045 TI-TPS2045 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2045 TI-TPS2045 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045 TI1-TPS2045 Datasheet
731Kb / 25P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com