Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2048D Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2048D
Description  QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2048D Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2048D Datasheet HTML 6Page - Texas Instruments TPS2048D Datasheet HTML 7Page - Texas Instruments TPS2048D Datasheet HTML 8Page - Texas Instruments TPS2048D Datasheet HTML 9Page - Texas Instruments TPS2048D Datasheet HTML 10Page - Texas Instruments TPS2048D Datasheet HTML 11Page - Texas Instruments TPS2048D Datasheet HTML 12Page - Texas Instruments TPS2048D Datasheet HTML 13Page - Texas Instruments TPS2048D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TPS2048, TPS2058
QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS192 – APRIL 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 8. Inrush Current with 220-
µF, 100-µF
and 47-
µF Load Capacitance
Figure 9. Ramped Load on Enabled Device
100
µF
220
µF
47
µF
0
2
4
6
8
10
12
t – Time – ms
14
16
18
20
VI(INx) = 5 V
TA = 25°C
RL = 20 Ω
VI(ENx)
(5 V/div)
IO(OUTx)
(0.2 A/div)
VI(INx) = 5 V
TA = 25°C
0
20
40
60
80 100 120
t – Time – ms
140 160 180 200
VO(OCx)
(5 V/div)
IO(OUTx)
(0.5 A/div)
Figure 10. 4-
Ω Load Connected
to Enabled Device
IO(OUTx)
(0.5 A/div)
VI(INx) = 5 V
TA = 25°C
0
200
400
600
800
1000
VO(OCx)
(5 V/div)
t – Time –
µs
Figure 11. 1-
Ω Load Connected
to Enabled Device
VI(INx) = 5 V
TA = 25°C
0
200
400
600
800
1000
t – Time –
µs
IO(OUTx)
(0.5 A/div)
VO(OCx)
(5 V/div)


Similar Part No. - TPS2048D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2048 TI-TPS2048 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2048 TI-TPS2048 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2048A TI-TPS2048A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2048A TI1-TPS2048A Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2048AD TI-TPS2048AD Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2048D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com