Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2104 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2104
Description  VAUX POWER-DISTRIBUTION SWITCHES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2104 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2104 Datasheet HTML 5Page - Texas Instruments TPS2104 Datasheet HTML 6Page - Texas Instruments TPS2104 Datasheet HTML 7Page - Texas Instruments TPS2104 Datasheet HTML 8Page - Texas Instruments TPS2104 Datasheet HTML 9Page - Texas Instruments TPS2104 Datasheet HTML 10Page - Texas Instruments TPS2104 Datasheet HTML 11Page - Texas Instruments TPS2104 Datasheet HTML 12Page - Texas Instruments TPS2104 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TPS2104, TPS2105
VAUX POWER-DISTRIBUTION SWITCHES
SLVS235A – SEPTEMBER 1999 – REVISED APRIL 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IN1 Switch Rise Time
vs Output Current
7
IN2 Switch Fall Time
vs Output Current
8
IN1 Switch Fall Time
vs Output Current
9
IN2 Switch Fall Time
vs Output Current
10
Output Voltage Droop
vs Output Current When Output Is Switched From IN2 to IN1
11
Inrush Current
vs Output Capacitance
12
IN1 Supply Current
vs Junction Temperature (IN1 Enabled)
13
IN1 Supply Current
vs Junction Temperature (IN1 Disabled)
14
IN2 Supply Current
vs Junction Temperature (IN2 Enabled)
15
IN2 Supply Current
vs Junction Temperature (IN2 Disabled)
16
IN1-OUT On-State Resistance
vs Junction Temperature
17
IN2-OUT On-State Resistance
vs Junction Temperature
18
Figure 7
310
280
250
0.01
0.1
1
10
340
370
IN1 SWITCH RISE TIME
vs
OUTPUT CURRENT
400
100
1000
CL = 47 µF
CL = 10 µF
CL = 1 µF
IO – Output Current – mA
VI(IN1) = 5 V
VI(IN2) = 0 V
TJ = 25°C
CL = 100 µF
Figure 8
10
0.1
0
10
2030
405060
100
IN2 SWITCH RISE TIME
vs
OUTPUT CURRENT
1000
70
80
90
100
CL = 100 µF
CL = 47 µF
CL = 10 µF
CL = 1 µF
IO – Output Current – mA
VI(IN1) = 0 V
VI(IN2) = 5 V
TJ = 25°C


Similar Part No. - TPS2104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2104 TI1-TPS2104 Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2104DBVR TI-TPS2104DBVR Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104DBVRG4 TI-TPS2104DBVRG4 Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104DBVT TI-TPS2104DBVT Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104DBVTG4 TI-TPS2104DBVTG4 Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2100 TI-TPS2100 Datasheet
299Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2102 TI-TPS2102 Datasheet
265Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104DBVR TI-TPS2104DBVR Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2105-EP TI1-TPS2105-EP Datasheet
1Mb / 24P
[Old version datasheet]   TPS2105-EP VAUX Power-Distribution Switch
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com