Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50B Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HSP50B
Description  SPEAKER SOUND GENERATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HSP50B Datasheet(HTML) 1 Page - JL World Company Limited.

  HSP50B Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HSP50B-8
Coil
Impedance
( )
W
Rated
Power
(W)
Maximum
InputPower
(W)
Resonance
Frequency
(Hz)
H
Frequency
Range
(Hz)
H
SoundOutput
at1kHz
(dB)
Operating
Temperature
(°C)
Storage
Temperature
(°C)
8±20%
0.2
0.5
450±20%
450~4000
84±3
-10~+40
-10~+40
Specification (alldatatakenat25°Cunlessotherwisespecified)
Thespecificationareonlyfor8
version.Specificationforotherimpedanceisavailableuponrequest.
Valuenormalizedto1Winputpowerand1mmeasuringdistance.
W
H
SPEAKERSOUNDGENERATORS
HSP50B
www.jlworld.com
Unit:mm
Tolerance:±0.3mm
Dimension
17.0
FrequencyResponse
Normalizedto1WInputPowerand
1mMeasuringDistance
60
70
80
90
500
1K
2K
3K
5K
10K
20K
Hz
dB
100
200
300


Similar Part No. - HSP50B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
   Digital Down Converter
HSP50016 INTERSIL-HSP50016 Datasheet
259Kb / 30P
   Digital Down Converter
HSP50016 INTERSIL-HSP50016 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
logo
Intersil Corporation
HSP50016-EV INTERSIL-HSP50016-EV Datasheet
324Kb / 18P
   DDC Evaluation Platform
More results

Similar Description - HSP50B

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSB3232A JLWORLD-HSB3232A Datasheet
91Kb / 1P
   SPEAKER SOUND GENERATORS
HSB3434A-4 JLWORLD-HSB3434A-4 Datasheet
90Kb / 1P
   SPEAKER SOUND GENERATORS
HSP2040A-8 JLWORLD-HSP2040A-8 Datasheet
49Kb / 1P
   SPEAKER SOUND GENERATORS
HSR10D JLWORLD-HSR10D Datasheet
46Kb / 1P
   SPEAKER SOUND GENERATORS
HSB20A JLWORLD-HSB20A Datasheet
80Kb / 1P
   SPEAKER SOUND GENERATORS
HSB20N JLWORLD-HSB20N Datasheet
68Kb / 1P
   SPEAKER SOUND GENERATORS
HSB20P JLWORLD-HSB20P Datasheet
59Kb / 1P
   SPEAKER SOUND GENERATORS
HSB23E JLWORLD-HSB23E Datasheet
72Kb / 1P
   SPEAKER SOUND GENERATORS
HSB28G JLWORLD-HSB28G Datasheet
80Kb / 1P
   SPEAKER SOUND GENERATORS
HSB30H JLWORLD-HSB30H Datasheet
64Kb / 1P
   SPEAKER SOUND GENERATORS
HSB10C JLWORLD-HSB10C Datasheet
1Mb / 1P
   SPEAKER SOUND GENERATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com