Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2211IDB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2211IDB
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2211IDB Datasheet(HTML) 5 Page - Texas Instruments

  TPS2211IDB Datasheet HTML 1Page - Texas Instruments TPS2211IDB Datasheet HTML 2Page - Texas Instruments TPS2211IDB Datasheet HTML 3Page - Texas Instruments TPS2211IDB Datasheet HTML 4Page - Texas Instruments TPS2211IDB Datasheet HTML 5Page - Texas Instruments TPS2211IDB Datasheet HTML 6Page - Texas Instruments TPS2211IDB Datasheet HTML 7Page - Texas Instruments TPS2211IDB Datasheet HTML 8Page - Texas Instruments TPS2211IDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS2211
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS156E – JULY 1997 – REVISED JANUARY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = –40°C to 85°C (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
TPS2211
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
5 V to AVCC
VI(5V) = 5 V
50
90
3.3 V to AVCC
VI(5V) = 5 V,
VI(3.3V) = 3.3 V
48
90
m
Switch resistance
3.3 V to AVCC
VI(5V) = 0 V,
VI(3.3V) = 3.3 V
48
90
Switch resistance
5 V to AVPP
TJ=25°C
6
3.3 V to AVPP
TJ=25°C
6
12 V to AVPP
TJ=25°C
1
VO(AVPP)
Clamp low voltage
Ipp at 10 mA
0.8
V
VO(AVCC) Clamp low voltage
ICC at 10 mA
0.8
V
I
high impedance state
TA = 25°C
1
10
Ilk
Leakage current
Ipp high-impedance state
TA= 85°C
50
µA
Ilkg
Leakage current
ICC high impedance state
TA = 25°C
1
10
µA
ICC high-impedance state
TA=85°C
50
VI(5V) = 5 V
VO(AVCC) = 5 V, VO(AVPP) = 12 V
40
150
II
Input current
VI(5V) = 0 V,
VI(3.3V) = 3.3 V
VO(AVCC) = 3.3 V, VO(AVPP) = 12 V
40
150
µA
Shutdown mode
VO(AVCC) = VO(AVPP) = Hi-Z
1
IOS
Short-circuit
IO(AVCC)
TJ = 85°C, output powered into a
1
2.2
A
IOS
output-current limit
IO(AVPP)
J
short to GND
120
400
mA
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
logic section
PARAMETER
TEST CONDITIONS†
TPS2211
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
UNIT
Logic input current
1
µA
Logic input high level
2
V
Logic input low level
0.8
V
Logic output high level
VI(5V) = 5 V, IO = 1 mA
VI(5V) – 0.4
V
Logic output high level
VI(5V) = 0 V, IO = 1 mA,
VI(3.3V) = 3.3 V
VI(3.3V) – 0.4
V
Logic output low level
IO = 1 mA
0.4
V
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.


Similar Part No. - TPS2211IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211IDB TI1-TPS2211IDB Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211IDB TI1-TPS2211IDB Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211IDBG4 TI1-TPS2211IDBG4 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211IDBLE TI1-TPS2211IDBLE Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211IDBR TI1-TPS2211IDBR Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results

Similar Description - TPS2211IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com