Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS-301A Datasheet(PDF) 2 Page - JL World Company Limited.

Part # MPS-301A
Description  Integrated, Absolute Pressure Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

MPS-301A Datasheet(HTML) 2 Page - JL World Company Limited.

  MPS-301A Datasheet HTML 1Page - JL World Company Limited. MPS-301A Datasheet HTML 2Page - JL World Company Limited. MPS-301A Datasheet HTML 3Page - JL World Company Limited. MPS-301A Datasheet HTML 4Page - JL World Company Limited. MPS-301A Datasheet HTML 5Page - JL World Company Limited. MPS-301A Datasheet HTML 6Page - JL World Company Limited. MPS-301A Datasheet HTML 7Page - JL World Company Limited. MPS-301A Datasheet HTML 8Page - JL World Company Limited. MPS-301A Datasheet HTML 9Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1907 Westlands Centre, 20 Westlands Road, Quarry Bay, Hong Kong
Tel : (+852) 2565 6979
Fax : (+852) 2565 0319
Email : sales@jlworld.com
Website : www.jlworld.com
060347-A2
Page 2 of 9
Document #E:DS-SHPS-MPS301A Rev A
MPS-301A
Integrated, Absolute Pressure Sensor
Specification
Min.
Typ.
Max.
Unit
Operating
Temperature
-20
-
85
ºC
Storage
Temperature
-30
-
85
ºC
-
-
500
kPa
-
-
5000
hPa
Proof Pressure
-
-
75
psi
2.7
2.8
3.0
V
Supply Voltage*
4.75
5.0
5.25
V
* Note: Both 3V and 5V versions are available. Product is calibrated and tested at 3V
unless otherwise specified.
BASIC PERFORMANCE
Temperature=22±2°C, Relative humidity=45±5%
Specification
Min.
Typ.
Max.
Unit
Supply Current @ 3V
-
3
4
mA
Operating Temperature
-20
-
85
ºC
30
-
110
kPaA
300
-
1100
hPaA
Operating Pressure
4.35
-
16
psiA
Warm Up Time
-
25
-
ms
Storage Temperature
-30
-
85
°C
Power Supply Capacitor*
100
220
470
nF
* Note: Power supply capacitor is highly recommended for noise reduction
TECHNICAL DATA
PRODUCT OPTIONS
Option
Interface
Calibration
Power
Supply
Parameters available for
readout
A
Analogue
3V
Pressure
A5
Analogue
5V
Pressure
I
Digital I
2C
3V
Pressure
I5
Digital I
2C
5V
Pressure
IT
Digital I
2C
3V
Pressure and Temperature
IT5
Digital I
2C
5V
Pressure and Temperature
S
Digital SPI
3V
Pressure
S5
Digital SPI
5V
Pressure
ST
Digital SPI
3V
Pressure and Temperature
ST5
Digital SPI
5V
Pressure and Temperature


Similar Part No. - MPS-301A

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-30 TOTAL-POWER-MPS-30 Datasheet
297Kb / 2P
   30W Single Output for Medical Type
logo
Astrodyne Corporation
MPS-30 ASTRODYNE-MPS-30 Datasheet
374Kb / 2P
   30W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-30 MEANWELL-MPS-30 Datasheet
504Kb / 2P
   30W Single Output for Medical Type
logo
MicroPower Direct, LLC
MPS-30 MPD-MPS-30 Datasheet
890Kb / 2P
   Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Mean Well Enterprises C...
MPS-30 MEANWELL-MPS-30 Datasheet
506Kb / 2P
   30W Single Output for Medical Type
More results

Similar Description - MPS-301A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
   Absolute Integrated Pressure Sensor
MLX90808 MELEXIS-MLX90808 Datasheet
165Kb / 8P
   Absolute Integrated Pressure Sensor
logo
Infineon Technologies A...
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
   Absolute Pressure Sensor
Rev 1.01, 2007-11-23
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
    Absolute Pressure Sensor
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
   Absolute Pressure Sensor
logo
Infineon Technologies A...
KP123 INFINEON-KP123 Datasheet
722Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP124 INFINEON-KP124 Datasheet
727Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP126N6165 INFINEON-KP126N6165 Datasheet
778Kb / 24P
   Absolute Pressure Sensor
November 2007 Rev 1.02
KP125 INFINEON-KP125 Datasheet
729Kb / 24P
   Absolute Pressure Sensor
Rev 2.14, 2007-11-23
logo
VTI technologies
SCP1000 VTI-SCP1000 Datasheet
287Kb / 7P
   ABSOLUTE PRESSURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com