Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP8860 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP8860
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860 Datasheet(HTML) 4 Page - Analog Devices

  ADP8860 Datasheet HTML 1Page - Analog Devices ADP8860 Datasheet HTML 2Page - Analog Devices ADP8860 Datasheet HTML 3Page - Analog Devices ADP8860 Datasheet HTML 4Page - Analog Devices ADP8860 Datasheet HTML 5Page - Analog Devices ADP8860 Datasheet HTML 6Page - Analog Devices ADP8860 Datasheet HTML 7Page - Analog Devices ADP8860 Datasheet HTML 8Page - Analog Devices ADP8860 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
ADP8860
Rev. 0 | Page 4 of 52
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
AMBIENT LIGHT SENSING
COMPARATORS
Ambient Light Sensor Current
IALS
CMP_IN = VD6 = 2.8 V, Bit CMP2_SEL = 1
0.70
1.08
1.33
mA
DAC Bit Step
Threshold L2 Level
IL2BIT
IL2BIT = IALS/250
4.3
μA
Threshold L3 Level
IL3BIT
IL3BIT = IALS/2000
0.54
μA
FAULT PROTECTION
Startup Charging Current Source
ISS
VIN = 3.6 V, VOUT = 0.8 × VIN
2.5
3.75
5.5
mA
Output Voltage Threshold
VOUT
Exit Soft Start
VOUT(START)
VOUT rising
0.92 × VIN
V
Short-Circuit Protection
VOUT(SC)
VOUT falling
0.55 × VIN
V
Output Overvoltage Protection
VOVP
Activation Level
5.8
V
OVP Recovery Hysteresis
500
mV
Thermal Shutdown
Threshold
TSD
150
°C
Hysteresis
TSD(HYS)
20
°C
Isolation from Input to Output
During Fault
IOUTLKG
VIN = 5.5 V, VOUT = 0 V, Bit nSTBY = 0
1.5
μA
Time to Validate a Fault
tFAULT
2
μs
I2C INTERFACE
VDDIO Voltage Operating Range
VDDIO
5.5
V
Logic Low Input2
VIL
VIN = 3.6 V
0.6
V
Logic High Input3
VIH
VIN = 3.6 V
1.30
V
I2C TIMING SPECIFICATIONS
Guaranteed by design
Delay from Reset Deassertion to
I2C access
tRESET
20
μs
SCL Clock Frequency
fSCL
400
KHz
SCL High Time
tHIGH
0.6
μs
SCL Low Time
tLOW
1.3
μs
Setup Time
Data
tSU, DAT
100
ns
Repeated Start
tSU, STA
0.6
μs
Stop Condition
tSU, STO
0.6
μs
Hold Time
Data
tHD, DAT
0
0.9
μs
Start/Repeated Start
tHD, STA
0.6
μs
Bus Free Time (Stop and Start
Conditions)
tBUF
1.3
μs
Rise Time (SCL and SDA)
tR
20 + 0.1 CB
300
ns
Fall Time (SCL and SDA)
tF
20 + 0.1 CB
300
ns
Pulse Width of Suppressed Spike
tSP
0
50
ns
Capacitive Load Per Bus Line
CB
400
pF
1 Current source matching is calculated by dividing the difference between the maximum and minimum current from the sum of the maximum and minimum.
2 VIL is a function of the input voltage. See
in the
section for typical values over operating ranges.
Figure 16
Figure 16
Typical Performance Characteristics
Typical Performance Characteristics
3 VIH is a function of the input voltage. See
in the
section for typical values over operating ranges.


Similar Part No. - ADP8860

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861ACPZ-RL AD-ADP8861ACPZ-RL Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861DBCB-EVALZ AD-ADP8861DBCB-EVALZ Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8863 AD-ADP8863 Datasheet
783Kb / 48P
   Charge Pump,7-Channel Fun Lighting LED Driver
REV. 0
ADP8863ACPZ-R7 AD-ADP8863ACPZ-R7 Datasheet
783Kb / 48P
   Charge Pump,7-Channel Fun Lighting LED Driver
REV. 0
More results

Similar Description - ADP8860

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
Texas Instruments
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
logo
Analog Devices
ADP8863 AD-ADP8863 Datasheet
783Kb / 48P
   Charge Pump,7-Channel Fun Lighting LED Driver
REV. 0
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
   3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
logo
Texas Instruments
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com