Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPJ5002 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPJ5002
Description  Integrated HPNA v2.0 and Dual Port RJ-11 Connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPJ5002 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPJ5002 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed to work seamlessly with Broadcom’s iLine 10 ®
Series Chipset
• Thermo Plastic PBT UL94V-0 Rated Connector Housing
• Space saving Dual-Port RJ-11 Connector
• Operating Temperature : 0°C to +70°C
• 1500 Vrms Isolation
EPJ5002
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSJ5002 Rev. -
10/21/02
Attenuation
(dB Min.)
-35
@ 22 MHz
-60
@ 1.1 MHz
Insertion Loss
(dB Max.)
-2.2
4.25 MHz- 9.75 MHz
Return Loss
(dB Min.)
-10
4.25 MHz- 9.75 MHz
CMDR
(dB Min.)
-40
@ 200 KHz- 22 MHz
Integrated HPNA v2.0 and
Dual Port RJ-11 Connector
-50
@ 54 MHz
Package
1.028
(26.11)
.490
(12.45)
.130
(3.30)
P1
P12
J1
J12
.819
(20.80)
.100
(2.54)
.118
(3.00)
.307
(7.80)
1.030
(26.16)
.409
(10.39)
.050
(1.27)
.100
(2.54)
.100
(2.54)
.885
(22.48)
.205
(5.21)
Ø .126 ±.003
(3.20 ± .076)
[2 Plcs]
Ø .035 ± .003
(.900 ± .076)
[12 Plcs]
Suggested Pad Layout
Schematic
P1
P2
P6
P5
P11
P7
P12
BPF
J4
J9
J3
J10
2/3 : 1:2


Similar Part No. - EPJ5002

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPJ5000 PCA-EPJ5000 Datasheet
55Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5001 PCA-EPJ5001 Datasheet
55Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5003 PCA-EPJ5003 Datasheet
55Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5004 PCA-EPJ5004 Datasheet
58Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5005 PCA-EPJ5005 Datasheet
58Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
More results

Similar Description - EPJ5002

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPJ5004 PCA-EPJ5004 Datasheet
58Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5012 PCA-EPJ5012 Datasheet
58Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5001 PCA-EPJ5001 Datasheet
55Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5010 PCA-EPJ5010 Datasheet
57Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5011 PCA-EPJ5011 Datasheet
57Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5005 PCA-EPJ5005 Datasheet
58Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5000 PCA-EPJ5000 Datasheet
55Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5006 PCA-EPJ5006 Datasheet
58Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5008 PCA-EPJ5008 Datasheet
57Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
EPJ5009 PCA-EPJ5009 Datasheet
57Kb / 1P
   Integrated HPNA v2.0 and Dual Port RJ-11 Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com