Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2216ADAP Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2216ADAP
Description  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2216ADAP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2216ADAP Datasheet HTML 6Page - Texas Instruments TPS2216ADAP Datasheet HTML 7Page - Texas Instruments TPS2216ADAP Datasheet HTML 8Page - Texas Instruments TPS2216ADAP Datasheet HTML 9Page - Texas Instruments TPS2216ADAP Datasheet HTML 10Page - Texas Instruments TPS2216ADAP Datasheet HTML 11Page - Texas Instruments TPS2216ADAP Datasheet HTML 12Page - Texas Instruments TPS2216ADAP Datasheet HTML 13Page - Texas Instruments TPS2216ADAP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 4. Short-Circuit Response, Short Applied
to Powered-on 5-V xVCC-Switch Output
200
400
600
800
1000
t – Time –
µs
0
VO(OC)
5 V/div
IO(VCC)
5 A/div
Figure 5. Short-Circuit Response, Short Applied
to Powered-on 12-V xVPP-Switch Output
200
400
600
800
1000
t – Time –
µs
0
VO(OC)
5 V/div
IO(VPP)
5 A/div
Figure 6. OC Response With Ramped Load
on 5-V xVCC-Switch Output
10
20
30
40
50
t – Time – ms
0
VO(OC)
5 V/div
IO(VCC)
1 A/div
Figure 7. OC Response With Ramped Load on
12-V xVPP-Switch Output
4
8
12
16
20
t – Time – ms
0
VO(OC)
5 V/div
IO(VPP)
0.2 A/div


Similar Part No. - TPS2216ADAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2216ADAP TI1-TPS2216ADAP Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216ADAPG4 TI1-TPS2216ADAPG4 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2216ADAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com