Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC872G08A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC872G08A
Description  8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC872G08A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC872G08A Datasheet HTML 1Page - Sanyo Semicon Device LC872G08A Datasheet HTML 2Page - Sanyo Semicon Device LC872G08A Datasheet HTML 3Page - Sanyo Semicon Device LC872G08A Datasheet HTML 4Page - Sanyo Semicon Device LC872G08A Datasheet HTML 5Page - Sanyo Semicon Device LC872G08A Datasheet HTML 6Page - Sanyo Semicon Device LC872G08A Datasheet HTML 7Page - Sanyo Semicon Device LC872G08A Datasheet HTML 8Page - Sanyo Semicon Device LC872G08A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LC872G08A/06A/04A
No.A1400-4/27
Oscillation Circuits
• Internal oscillation circuits
Low-speed RC oscillation circuit :
For system clock (100kHz)
Medium-speed RC oscillation circuit :
For system clock (1MHz)
Multifrequency RC oscillation circuit :
For system clock (8MHz)
• External oscillation circuits
Hi-speed CF oscillation circuit:
For system clock, with internal Rf
Low speed crystal oscillation circuit:
For low-speed system clock, with internal Rf
1) The CF and crystal oscillation circuits share the same pins. The active circuit is selected under program control.
2) Both the CF and crystal oscillator circuits stop operation on a system reset. When the reset is released, only the
CF oscillation circuit resumes operation.
System Clock Divider Function
• Can run on low current.
• The minimum instruction cycle selectable from 300ns, 600ns, 1.2μs, 2.4μs, 4.8μs, 9.6μs, 19.2μs, 38.4μs, and
76.8
μs (at a main clock rate of 10MHz).
Internal Reset Function
• Power-on reset (POR) function
1) POR reset is generated only at power-on time.
2) The POR release level can be selected from 8 levels (1.67V, 1.97V, 2.07V, 2.37V, 2.57V, 2.87V, 3.86V, and
4.35V) through option configuration.
• Low-voltage detection reset (LVD) function
1) LVD and POR functions are combined to generate resets when power is turned on and when power voltage falls
below a certain level.
2) The use/disuse of the LVD function and the low voltage threshold level (7 levels: 1.91V, 2.01V, 2.31V, 2.51V,
2.81V, 3.79V, 4.28V).
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The CF, RC, and crystal oscillators automatically stop operation.
2) There are four ways of resetting the HOLD mode.
(1) Setting the reset pin to the lower level.
(2) System resetting by watchdog timer or low-voltage detection
(3) Having an interrupt source established at either INT0, INT1, INT2 or INT4
* INT0 and INT1 HOLD mode reset is available only when level detection is set.
(4) Having an interrupt source established at port 0.
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The RC oscillator automatically stop operation.
2) The state of crystal oscillations established when the X'tal HOLD mode is entered is retained.
3) There are five ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level.
(2) System resetting by watchdog timer or low-voltage detection.
(3) Having an interrupt source established at either INT0, INT1, INT2 or INT4
* INT0 and INT1 HOLD mode reset is available only when level detection is set.
(4) Having an interrupt source established at port 0.
(5) Having an interrupt source established in the base timer circuit.
Note: Available only when X’tal oscillation is selected.


Similar Part No. - LC872G08A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC872G08A SANYO-LC872G08A Datasheet
174Kb / 27P
   8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC872G08A SANYO-LC872G08A_10 Datasheet
174Kb / 27P
   8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
More results

Similar Description - LC872G08A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com