Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFT1423 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # SFT1423
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SFT1423 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  SFT1423 Datasheet HTML 1Page - Sanyo Semicon Device SFT1423 Datasheet HTML 2Page - Sanyo Semicon Device SFT1423 Datasheet HTML 3Page - Sanyo Semicon Device SFT1423 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SFT1423
No. A1509-4/4
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating
condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
Co.,Ltd. products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures
or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give
rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment,
adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but
are not limited to protective circuits and error prevention circuits for safe design, redundant design, and
structural design.
Upon using the technical information or products described herein, neither warranty nor license shall be
granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any
third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third
party's intellectual property rights which has resulted from the use of the technical information and products
mentioned above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd.
PS
This catalog provides information as of June, 2009. Specifications and information herein are subject
to change without notice.
Note on usage : Since the SFT1423 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.
Ambient Temperature, Ta --
°C
PD -- Ta
VGS -- Qg
Total Gate Charge, Qg -- nC
0
20
40
60
80
100
120
140
160
IT14762
0.2
0.4
1.0
1.2
0.8
0.6
IT14763
No
heat
sink
IT14760
01
2
4
35
6
10
79
8
0
2
4
5
7
8
9
1
3
6
10
VDS=200V
ID=2A
0
0
20
40
60
80
100
140
120
20
10
15
5
25
160
A S O
Drain-to-Source Voltage, VDS -- V
PD -- Tc
Case Temperature, Tc --
°C
IT14788
0.01
0.1
2
3
5
7
2
3
5
7
2
3
5
2
3
7
1.0
1.0
10
23
5 7
2
100
35 7
2
35 7
10
IDP=10A
ID=2A
PW
≤10μs
Operation in
this area is
limited by R DS(on).
DC
operation
(Ta
=25
°C)
1ms
10ms
100ms
100
μs
Tc=25
°C
Single pulse


Similar Part No. - SFT1423

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1423 ONSEMI-SFT1423 Datasheet
409Kb / 9P
   N-Channel Power MOSFET 500V, 2A, 4.9, Single TP/TP-FA
July, 2013
logo
VBsemi Electronics Co.,...
SFT1423 VBSEMI-SFT1423 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
ON Semiconductor
SFT1423-TL-E ONSEMI-SFT1423-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 500V, 2A, 4.9, Single TP/TP-FA
July, 2013
More results

Similar Description - SFT1423

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com